Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PA5331 Datasheet(PDF) 18 Page - Protek Devices

Part # PA5331
Description  Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5331 Datasheet(HTML) 18 Page - Protek Devices

Back Button PA5331 Datasheet HTML 14Page - Protek Devices PA5331 Datasheet HTML 15Page - Protek Devices PA5331 Datasheet HTML 16Page - Protek Devices PA5331 Datasheet HTML 17Page - Protek Devices PA5331 Datasheet HTML 18Page - Protek Devices PA5331 Datasheet HTML 19Page - Protek Devices PA5331 Datasheet HTML 20Page - Protek Devices PA5331 Datasheet HTML 21Page - Protek Devices PA5331 Datasheet HTML 22Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PA5331
Low Power 24-Bit, Stereo Audio CODEC
With Headphone Amplifier
95250 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Register 21
– ADC Control 13, Default 0000 0110
Register 22
– ADC Control 14, Default 0000 0000
Bit Name
Bit
Description
NGTH
7:3
Noise gate threshold
00000
– -76.5 dBFS
00001
– -75 dBFS
……
11110
– -31.5 dBFS
11111
– -30 dBFS
NGG
2:1
Noise gate type
x0
– PGA gain held constant
01
– mute ADC output
11
– reserved
NGAT
0
Noise gate function enable
0
– disable
1
– enable
DAC CONTROL
Register 23
– DAC Control 1, Default 0000 0000
Bit Name
Bit
Description
DACLRSWAP
7
0
– normal
1
– left and right channel data swap
DACLRP
6
I2S, left justified or right justified mode:
0
– left and right normal polarity
1
– left and right inverted polarity
DSP/PCM mode:
0
– MSB is available on 2nd BCLK rising edge after ALRCK rising edge
1
– MSB is available on 1st BCLK rising edge after ALRCK rising edgeLRCK Polarity
DACWL
5:3
000
– 24-bit serial audio data word length
001
– 20-bit serial audio data word length
010
– 18-bit serial audio data word length
011
– 16-bit serial audio data word length
100
– 32-bit serial audio data word length
DACFORMAT
2:1
00
– I2S serial audio data format
01
– left justify serial audio data format
10
– right justify serial audio data format
11
– DSP/PCM mode serial audio data format
0
Register 24
– DAC Control 2, Default 0000 0110
Bit Name
Bit
Description
DACFsMode
5
0
– single speed mode (default)
Bit Name
Bit
Description
ALCMODE
7
Determines the ALC mode of operation:
0
– ALC mode (Normal Operation)
1
– Limiter mode.
ALCZC
6
ALC uses zero cross detection circuit.
0
– disable (recommended)
1
– enable
TIME_OUT
5
Zero Cross time out
0
– disable (default)
1
– enable
WIN_SIZE
4:0
Windows size for peak detector
,set the window size to N*16 samples
00110
– 96 samples (default)
00111
– 102 samples
…..
11111
– 496 samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com