Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM07DF23K24 Datasheet(PDF) 1 Page - Protek Devices

Part # PAM07DF23K24
Description  3000 WATT TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM07DF23K24 Datasheet(HTML) 1 Page - Protek Devices

  PAM07DF23K24 Datasheet HTML 1Page - Protek Devices PAM07DF23K24 Datasheet HTML 2Page - Protek Devices PAM07DF23K24 Datasheet HTML 3Page - Protek Devices PAM07DF23K24 Datasheet HTML 4Page - Protek Devices PAM07DF23K24 Datasheet HTML 5Page - Protek Devices PAM07DF23K24 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05370.R0 2/12
Page 1
PAM07DF23K24
3000 wAtt tVS CoMPonent
DeSCRiPtion
The PAM07DF23K24 is high-powered surface mount transient voltage suppression component designed to protect
automotive systems from the damaging effects of high voltage spikes. The DFN-2-3KW surface mount package con-
figuration provides a lower profile at a reduce cost. This device provide 3,000 Watts of peak pulse power dissipation
for an 10/1000µs waveform.
FeAtuReS
• IEC Compatibility 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-Ground),
L4(Line-Line) & L1 (Power)
• 3,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional Configuration
• Easy Mounting to Printed Circuit Board
• RoHS Compliant
• REACH Compliant
MeChAniCAl ChARACteRiStiCS
• Molded DFN2-3KW
• Approximate Weight: 2.5 grams
• Lead-Free Silver Plating
• Solder Reflow Temperature: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPliCAtionS
• Automotive Applications
CiRCuit DiAgRAM
DFn-2-3Kw PACKAge


Similar Part No. - PAM07DF23K24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM01SC7905C PROTEC-PAM01SC7905C Datasheet
448Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM01SC7905C PROTEC-PAM01SC7905C_12 Datasheet
449Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM02SD2303 PROTEC-PAM02SD2303 Datasheet
570Kb / 7P
ultra LOW CAPACITANCE TVS ARRAYs
PAM02SD2303C PROTEC-PAM02SD2303C Datasheet
439Kb / 6P
ULTRA LOW CAPACITANCE TVS ARRAY
PAM02SD2305 PROTEC-PAM02SD2305 Datasheet
570Kb / 7P
ultra LOW CAPACITANCE TVS ARRAYs
More results

Similar Description - PAM07DF23K24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
3000 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
1500 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
3000 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
400 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
1500 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com