Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE7250GVIO Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7250GVIO Datasheet HTML 1Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 2Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 3Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 4Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TLE7250GVIO
Pin Configuration
Data Sheet
5
Rev. 1.0, 2012-03-14
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin configuration
3.2
Pin Definitions and Functions
Table 1
Pin Definition and Functions
Pin
Symbol
Function
1TxD
Transmit Data Input;
internal pull-up to
V
IO, “low” for “dominant” state.
2GND
Ground
3
VCC
Transceiver Supply Voltage;
100 nF decoupling capacitor to GND required.
4RxD
Receive Data Output;
“low” in “dominant” state.
5
V
IO
Digital Supply Voltage Input;
supply voltage input to adapt the logical input and output voltage levels of the
transceiver to the microcontroller supply.
100 nF decoupling capacitor to GND required.
6CANL
CAN Bus Low Level I/O;
“low” in “dominant” state.
7CANH
CAN Bus High Level I/O;
“high” in “dominant” state.
8NEN
Not Enable Input1);
internal pull-up to
V
IO, “low” for normal-operating mode.
1) The designation of pin 8 is different in the TLE7250GVIO and its predecessor, the TLE6250GV33. The function of pin 8
remains the same.
TxD
1
2
3
45
6
7
8
RxD
NEN
GND
VCC
CANH
CANL
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com