Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBT3906LT1 Datasheet(PDF) 5 Page - WILLAS ELECTRONIC CORP

Part # MMBT3906LT1
Description  General Purpose Transistors PNP Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MMBT3906LT1 Datasheet(HTML) 5 Page - WILLAS ELECTRONIC CORP

  MMBT3906LT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MMBT3906LT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MMBT3906LT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP MMBT3906LT1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP MMBT3906LT1 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP MMBT3906LT1 Datasheet HTML 6Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL STATIC CHARACTERISTICS
I
B , BASE CURRENT (mA)
Figure 14. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 13. DC Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 16. Temperature Coefficients
C , COLLECTOR CURRENT (mA)
Figure 15. “ON” Voltages
I
C=1.0 mA
T
J = 25°C
+25°C TO +125°C
θ
VC for V CE(sat)
T
J = +125°C
V
CE = 1.0 V
+25°C
–55°C
10 mA
T
J = 25°C
30 mA
100 mA
V
BE(sat) @ I C /I B =10
V
CE(sat) @ I C /I B =10
V
BE @ V CE =1.0 V
–55°C TO +25°C
+25°C TO +125°C
–55°C TO +25°C
θ
VB for V BE(sat)
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
1.0
0.8
0.6
0.4
0.2
0
1.0
2.0
5.0
10
20
50
100
200
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
160
180
200
1.0
0.5
0
– 0.5
–1.0
–1.5
–2.0
MMBT3906LT1
WILLAS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com