Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCT2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCT2
Description  6-Pin DIP Optoisolators Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT2 Datasheet(HTML) 2 Page - Motorola, Inc

  MCT2 Datasheet HTML 1Page - Motorola, Inc MCT2 Datasheet HTML 2Page - Motorola, Inc MCT2 Datasheet HTML 3Page - Motorola, Inc MCT2 Datasheet HTML 4Page - Motorola, Inc MCT2 Datasheet HTML 5Page - Motorola, Inc MCT2 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCT2 MCT2E
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Forward Voltage (IF = 20 mA)
TA = 25°C
TA = –55°C
TA = 100°C
VF
1.23
1.35
1.15
1.5
Volts
Reverse Leakage Current (VR = 3 V)
IR
0.01
10
µA
Capacitance (V = 0 V, f = 1 MHz)
CJ
18
pF
OUTPUT TRANSISTOR
Collector–Emitter Dark Current (VCE = 10 V)
TA = 25°C
TA = 100°C
ICEO
1
1
50
nA
µA
Collector–Base Dark Current (VCB = 10 V)
TA = 25°C
TA = 100°C
ICBO
0.2
100
20
nA
Collector–Emitter Breakdown Voltage (IC = 1 mA)
V(BR)CEO
30
45
Volts
Collector–Base Breakdown Voltage (IC = 10 µA)
V(BR)CBO
70
100
Volts
Emitter–Collector Breakdown Voltage (IE = 100 µA)
V(BR)ECO
7
7.8
Volts
DC Current Gain (IC = 5 mA, VCE = 5 V)
hFE
500
Collector–Emitter Capacitance (f = 1 MHz, VCE = 0 V)
CCE
7
pF
Collector–Base Capacitance (f = 1 MHz, VCB = 0 V)
CCB
19
pF
Emitter–Base Capacitance (f = 1 MHz, VEB = 0 V)
CEB
9
pF
COUPLED
Output Collector Current (IF = 10 mA, VCE = 10 V)
IC (CTR)(2)
2 (20)
7 (70)
mA (%)
Collector–Emitter Saturation Voltage (IC = 2 mA, IF = 16 mA)
VCE(sat)
0.19
0.4
Volts
Turn–On Time (IF = 10 mA, VCC = 10 V, RL = 100 Ω)(3)
ton
2.8
µs
Turn–Off Time (IF = 10 mA, VCC = 10 V, RL = 100 Ω,)(3)
toff
4.5
µs
Rise Time (IF = 10 mA, VCC = 10 V, RL = 100 Ω)(3)
tr
1.2
µs
Fall Time (IF = 10 mA, VCC = 10 V, RL = 100 Ω)(3)
tf
1.3
µs
Isolation Voltage (f = 60 Hz, t = 1 sec)(4)
VISO
7500
Vac(pk)
Isolation Resistance (V = 500 V)(4)
RISO
1011
Isolation Capacitance (V = 0 V, f = 1 MHz)(4)
CISO
0.2
pF
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figure 11.
4. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com