Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MICRF219AYQS Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF219AYQS
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AYQS Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF219AYQS Datasheet HTML 1Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 2Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 3Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 4Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 5Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 6Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 7Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
300MHz to 450MHz ASK Receiver w
RSSI, Auto-Poll, Bit-Che
MICRF219
ith
ck and Squelch
NOT RECOMMENDED
REFER TO MICRF219A FOR NEW DESIGNS
QwikRadio is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2011
M9999-060811
(408) 944-0800
3
0
s
r
l mode, fully awakes the receiver
the microcontroller once a valid
number of bits are detected. During normal operation an
optional Squelch feature disables the data output until
valid bits are detected. An optional Desense feature
reduces gain by 6dB to 42dB, distancing the receiver
from distantly placed, undesired transmitters.
dBm sensitivity at 1kbps with 1% BER
data rates up to 10kbps at 433.92MHz
Output
ange
315MHz (continuous receive)
Hz (continuous receive)
in Shutdown Mode
ling (sleep mode, current < 0.1mA)
ck in Auto-Poll Mode
able 6dB to 42dB Desense
Data Output Squelch until valid bits detected
• 1
kag
m x 6.0mm)
−40
C Te
e
• Evaluation board QR219BPF Available
Ordering Information
Part Number
Temperature Range
Package
General Description
The MICRF219 is a 300MHz to 450MH
heterodyne, image-reject, RF receiver with
Gain Control, OOK/ASK demodulator and a
output. The device integrates Auto-Poll,
z super-
• –110
Automatic
• Supports
nalog RSSI
• 25dB Image-Re
Valid Bit-Check,
ject Mixer
Squelch, and Desense features. It only
crystal and a minimum number of external c
to implement. It is ideal for low-cost, low-po
TPMS, and remote actuation applications.
The MICRF219 achieves
−110dBm sensitivit
rate of 1kbps (Manchester encoded). Four d
filter bandwidths are selectable in binary
1625Hz to 13kHz at 433MHz, allowing the
support data rates to 10kbps. The device ope
a supply voltage of 3.0V to 3.6V, and consum
of supply current at 315MHz and 6.0mA at 4
A shutdown mode reduces supply current to
Auto-Polling feature allows the MICRF219 to
poll for user defined periods, thus furthe
requires a
• No IF Filter Required
omponents
• 60dB Analog RSSI
wer, RKE,
• 3.0V to 3.6V Supply Voltage R
y at a data
at
emodulator
• 6.0mA supply current at 434M
steps from
• 0.5uA supply current
device to
• Optional Auto-Pol
rates from
• Optio
es 4.0mA
nal Valid Bit-Che
• Optional Programm
3.92MHz.
.5
• Optional
uA. The
leep and
reducing
•
supply current. The Valid Bit-Check feature, when
• 2kV HBM ESD Rating
enabled in Auto-Pol
and sends bits to
Features
• 4.0mA supply current
6-pin QSOP Pac
e (4.9m
°C to +105°
mperature Rang
MICRF219AYQS
−40°C to +105°C
16-Pin QSOP
_______________________________________________________________________________________________
Typical Application


Similar Part No. - MICRF219AYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
MICRF219AAYQS MICREL-MICRF219AAYQS Datasheet
722Kb / 23P
ASK/OOK Receiver
MICRF219AAYQS MICREL-MICRF219AAYQS Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
More results

Similar Description - MICRF219AYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219 MICREL-MICRF219 Datasheet
964Kb / 24P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
MAX7036 MAXIM-MAX7036_10 Datasheet
218Kb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
logo
Micrel Semiconductor
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_12 Datasheet
174Kb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
logo
Micrel Semiconductor
MICRF230 MICREL-MICRF230 Datasheet
856Kb / 20P
400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
MICRF229 MICREL-MICRF229 Datasheet
831Kb / 23P
400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
logo
Maxim Integrated Produc...
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com