Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC3975 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC3975
Description  750mA 關Cap Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3975 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3975 Datasheet HTML 4Page - Micrel Semiconductor MIC3975 Datasheet HTML 5Page - Micrel Semiconductor MIC3975 Datasheet HTML 6Page - Micrel Semiconductor MIC3975 Datasheet HTML 7Page - Micrel Semiconductor MIC3975 Datasheet HTML 8Page - Micrel Semiconductor MIC3975 Datasheet HTML 9Page - Micrel Semiconductor MIC3975 Datasheet HTML 10Page - Micrel Semiconductor MIC3975 Datasheet HTML 11Page - Micrel Semiconductor MIC3975 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
February 2005
9
MIC3975
MIC3975
Micrel
Applications Information
TheMIC3975isahigh-performancelow-dropoutvoltageregu-
lator suitable for moderate to high-current voltage regulator
applications. Its 500mV dropout voltage at full load and over-
temperature makes it especially valuable in battery-powered
systems and as high-efficiency noise filters in post-regulator
applications.UnlikeolderNPN-passtransistordesigns,where
the minimum dropout voltage is limited by the base-to-emit-
ter voltage drop and collector-to-emitter saturation voltage,
dropout performance of the PNP output of these devices is
limited only by the low VCE saturation voltage.
A trade-off for the low dropout voltage is a varying base drive
requirement.Micrel’s Superβeta PNP™ process reduces this
drive requirement to only 2% of the load current.
The MIC3975 regulator is fully protected from damage due to
faultconditions.Linearcurrentlimitingisprovided.Outputcur-
rentduringoverloadconditionsisconstant.Thermalshutdown
disables the device when the die temperature exceeds the
maximum safe operating temperature. Transient protection
allows device (and load) survival even when the input volt-
age spikes above and below nominal. The output structure
of these regulators allows voltages in excess of the desired
output voltage to be applied without reverse current flow.
MIC3975x.x
IN
OUT
GND
CIN
COUT
VIN
VOUT
Figure 1. Capacitor Requirements
Output Capacitor
The MIC3975 requires an output capacitor for stable opera-
tion. As a µCap LDO, the MIC3975 can operate with ceramic
output capacitors as long as the amount of capacitance is
10µF or greater. For values of output capacitance lower than
10µF, the recommended ESR range is 200mΩ to 2Ω. The
minimum value of output capacitance recommended for the
MIC3975 is 4.7µF.
For 10µF or greater the ESR range recommended is less than
1Ω. Ultra-low ESR ceramic capacitors are recommended
for output capacitance of 10µF or greater to help improve
transient response and noise reduction at high frequency.
X7R/X5R dielectric-type ceramic capacitors are recom-
mendedbecauseoftheirtemperatureperformance.X7R-type
capacitors change capacitance by 15% over their operating
temperature range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change value
by as much as 50% and 60% respectively over their operat-
ing temperature ranges. To use a ceramic chip capacitor with
Y5V dielectric, the value must be much higher than an X7R
ceramic capacitor to ensure the same minimum capacitance
over the equivalent operating temperature range.
Input Capacitor
An input capacitor of 1µF or greater is recommended when
the device is more than 4 inches away from the bulk ac supply
capacitance or when the supply is a battery. Small, surface
mount, ceramic chip capacitors can be used for bypassing.
Larger values will help to improve ripple rejection by bypass-
ing the input to the regulator, further improving the integrity
of the output voltage.
Error Flag
The MIC3975 features an error flag (FLG), which monitors
the output voltage and signals an error condition when this
voltage drops 5% below its expected value. The error flag is
an open-collector output that pulls low under fault conditions
and may sink up to 10mA. Low output voltage signifies a
number of possible problems, including an overcurrent fault
(the device is in current limit) or low input voltage. The flag
output is inoperative during overtemperature conditions. A
pull-up resistor from FLG to either VIN or VOUT is required
for proper operation. For information regarding the minimum
and maximum values of pull-up resistance, refer to the graph
in the typical characteristics section of the data sheet.
Enable Input
The MIC3975 features an active-high enable input (EN) that
allows on-off control of the regulator. Current drain reduces to
“zero” when the device is shutdown, with only microamperes
of leakage current. The EN input has TTL/CMOS compatible
thresholds for simple logic interfacing. EN may be directly tied
to VIN and pulled up to the maximum supply voltage
Transient Response and 3.3V to 2.5V or 2.5V to 1.8V or
1.65V Conversion
TheMIC3975hasexcellenttransientresponsetovariationsin
input voltage and load current.The device has been designed
to respond quickly to load current variations and input voltage
variations. Large output capacitors are not required to obtain
this performance. A standard 10µF output capacitor, is all
that is required. Larger values help to improve performance
even further.
By virtue of its low-dropout voltage, this device does not satu-
rate into dropout as readily as similar NPN-based designs.
When converting from 3.3V to 2.5V or 2.5V to 1.8V or 1.65V,
the NPN based regulators are already operating in dropout,
withtypicaldropoutrequirementsof1.2Vorgreater.Toconvert
downto2.5Vor1.8Vwithoutoperatingindropout,NPN-based
regulators require an input voltage of 3.7V at the very least.
The MIC3975 regulator will provide excellent performance
with an input as low as 3.0V or 2.5V respectively. This gives
the PNP based regulators a distinct advantage over older,
NPN based linear regulators.
Minimum Load Current
The MIC3975 regulator is specified between finite loads. If
the output current is too small, leakage currents dominate
and the output voltage rises. A 10mA minimum load current
is necessary for proper regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com