Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2012PCM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2012PCM
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012PCM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2012PCM Datasheet HTML 1Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 2Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 3Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 4Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 5Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 6Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 7Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 8Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC2012
Micrel
MIC2012/2072
4
January 2005
Absolute Maximum Ratings (Note 1, Note 4)
Supply Voltage (V
IN, VMAIN, VAUX).....................–0.3V to 6V
EN1, EN2, S3# Input Pins .................................–0.3V to 6V
FAULT#, OUT1, OUT2 Output Pins...................–0.3V to 6V
FAULT Output Current................................................ 25mA
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (V
MAIN, VAUX) ...................... +4.5V to +5.5V
Ambient Temperature (T
A) ............................ –0°C to +70°C
Junction Temperature (T
J) ........................ Internally Limited
Package Thermal Resistance
QSOP
JA)
.......................................................................163°C/W
SOIC
JA)
.........................................................................160°C/W
Electrical Characteristics
V
MAIN = 5V; AUX = 5V; TA = 25°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
MAIN
MAIN Supply Voltage
4.5
5.0
5.5
V
I
MAIN (ON)
MAIN Supply Current Switches On
S3# = 1, no load
16
22
µA
Note 5
I
MAIN (OFF)
MAIN Supply Current Switches Off
S3# = 1, no load
5
µA
Note 5, (MIC20x2-1, MIC20x2-2 only)
I
LEAK
MAIN Reverse Leakage Current,
S3# = 0, both switches ON, V
MAIN = 0V
–10
+10
µA
V
AUX
AUX Supply Voltage
4.5
5.0
5.5
V
I
AUX ON
AUX Supply Current,
No load
0.6
1
mA
both switches on, Note 5
S3# = 0
I
AUX OFF
AUX Supply Current, switches
No load
5
µA
off. (MIC20x2-1, MIC20x2-2 only)
S3# = 0
V
UV/AUX
AUX Undervoltage Lockout
V
AUX increasing
3.1
4.0
V
Threshold
V
AUX decreasing
2.9
3.8
V
V
HYS
AUX Undervoltage Lockout
200
mV
Hysteresis
R
DSMAIN
MAIN On-Resistance, Each Output
S3# = 1, I
OUT = 500mA
100
140
R
DSAUX
AUX On-Resistance, Each Output
S3# = 0, I
OUT = 100mA
500
700
I
LIMIT(MAIN)
MAIN Current-Limit Threshold
S3# = 1, V
OUT = 4.0V, ramped load
0.8
2.0
A
MAIN Short-Circuit Current-Limit
V
OUT = 0V
0.65
1.8
A
I
LIMIT(AUX)
AUXCurrent-Limit Threshold
S3# = 0, V
OUT = 4.0V, ramped load
105
150
195
mA
AUX Short-Circuit Current-Limit
V
OUT = 0V, COUT = 100µF
80
mA
V
TH
S3#, EN1, EN2. Input
High-to-Low transition
0.8
1.5
V
Threshold Voltage
Low-to-High transition
1.7
2.0
V
(EN1, EN2, for MIC20x2-x only)
V
HYS
EN1, EN2 and S3# Input Hysteresis
200
mV
(EN1, EN2, for MIC20x2-x only)
I
IN
S3#, EN1, EN2 Input Current
V
S3/EN = 5V, 0V
–1
1
µA
(EN1, EN2, for MIC20x2-x only)
I
OFF
OUT1, OUT2 Leakage Current
Outputs are off, V
OUT = 0
–10
10
µA
(MIC2012-x, MIC2072-x only)
Pull-Up Current During Latched
Outputs latched off
1
mA
Output State (MIC2072-1, -2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com