Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR1120G-30-AF5-A-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1120G-30-AF5-A-R
Description  500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1120G-30-AF5-A-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1120G-30-AF5-A-R Datasheet HTML 1Page - Unisonic Technologies LR1120G-30-AF5-A-R Datasheet HTML 2Page - Unisonic Technologies LR1120G-30-AF5-A-R Datasheet HTML 3Page - Unisonic Technologies LR1120G-30-AF5-A-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1120
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-331.g
500mA, LOW DROPOUT, LOW
NOISE ULTRA-FAST WITH SOFT
START CMOS LDO REGULATOR
DESCRIPTION
UTC LR1120, a 500mA LDO regulator, has very high PSRR and
super low dropout voltage especially suitable for wireless and portable
applications.
In the field of hand-held wireless devices, board space and
battery life are the main concerns of designers and end-users.
Because of the low quiescent current and low ESR ceramic
capacitors, UTC LR1120 can satisfy those concerns.
Furthermore, low current consumption in shutdown mode
(0.7μA), fast turn-on time (<70μs), high output accuracy, current
limiting protection, and high ripple rejection ratio are advantages of
UTC LR1120.
FEATURES
* Operating Voltage Ranges : 2.2V to 5.5V
* Dropout : 250mV at 500mA
* When IC Shutdown: 5mA Discharge Current of VOUT
* Extreme Low Noise for DSC Application
* Extreme Fast Response in Line/Load Transient
* Internal Current Limiting Protection
* Internal Thermal Shutdown Protection
* High PSRR
* Recommended 1μF Output Capacitor only for Stability
* With TTL Logic Controlled Shutdown Input
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LR1120L-xx-AF5-x-R
LR1120G-xx-AF5-x-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1120G-30-AF5-A-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1120G-30-AF5-R UTC-LR1120G-30-AF5-R Datasheet
155Kb / 4P
LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
More results

Similar Description - LR1120G-30-AF5-A-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Leadtrend Technology
LD6919 LEADTREND-LD6919 Datasheet
297Kb / 14P
500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com