Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M1008G-P28-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # M1008G-P28-R
Description  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008G-P28-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button M1008G-P28-R Datasheet HTML 3Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 4Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 5Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 6Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 7Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 8Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 9Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 10Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
M1008
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 11
www.unisonic.com.tw
QW-R502-434.a
APPLICATION CONSIDERATIONS
The digital outputs load should be minimized, either by using short traces to the digital ASIC, or by using
external digital buffers. In order to minimize the number of code conversion in the main output of the impact of
transients, which should happen in the coincidences CDSCLK2 falling on or before ADCCLK rising edge. All 0.1μF
decoupling capacitor should be located as close as possible to the M1008 pins. When operating in a single channel
mode, the unused analog inputs should be grounded.
For the 3-channel SHA mode, all of the above considerations also apply for this configuration, except that the
analog input signals are directly connected to the M1008 without the use of coupling capacitors. The OFFSET pin
should be grounded if the inputs to the M1008 are to be referenced to ground, or a DC offset voltage should be
applied to the OFFSET pin in the case where a coarse offset needs to be removed from the inputs. The analog input
signals must already be dc-biased between 0V and 2V, if OFFSET is connected to ground.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com