Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV321 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

LMV321 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button LMV321 Datasheet HTML 7Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 8Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 9Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 10Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 11Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 12Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 13Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 14Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 15Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
©2009-2012 CADEKA Microcircuits, LLC
www.cadeka.com
12
Application Information
General Description
The LMV321 is a single supply, general purpose, voltage-
feedback amplifier fabricated on a CMOS process. The
LMV321 offers 1MHz gain bandwidth product, >1V/ s slew
rate, and only 130 A supply current. It features a rail-to-rail
output stage and is unity gain stable.
The common mode input range extends to 200mV below
ground and to 800mV below Vs. Exceeding these values
will not cause phase reversal. However, if the input voltage
exceeds the rails by more than 0.5V, the input ESD devices
will begin to conduct. The output will stay at the rail during
this overdrive condition.
The output stage is short circuit protected and offers “soft”
saturation protection that improves recovery time.Figures
1, 2, and 3 illustrate typical circuit configurations for non-
inverting, inverting, and unity gain topologies for dual supply
applications. They show the recommended bypass capacitor
values and overall closed loop gain equations. Figure 4
shows the typical non-inverting gain circuit for single supply
applications
+
-
Rf
0.1µF
6.8µF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1µF
6.8µF
RL
Figure 1. Typical Non-Inverting Gain Circuit
+
-
Rf
0.1µF
6.8µF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1µF
6.8µF
RL
Rg
R1
Figure 2. Typical Inverting Gain Circuit
+
-
0.1µF
6.8µF
Output
G = 1
Input
+Vs
-Vs
0.1µF
6.8µF
RL
Figure 3. Unity Gain Circuit
+
-
Rf
0.1µF
6.8µF
Output
Input
+Vs
Rg
RL
Figure 4. Single Supply Non-Inverting Gain Circuit
Power Dissipation
Power dissipation should not be a factor when operating
under the stated 2k load condition. However, applications
with low impedance, DC coupled loads should be analyzed
to ensure that maximum allowed junction temperature
is not exceeded. Guidelines listed below can be used to
verify that the particular application will not cause the
device to operate beyond it’s intended operating range.
Maximum power levels are set by the absolute maximum
junction rating of 150°C. To calculate the junction
temperature, the package thermal resistance value
ThetaJA ( JA) is used along with the total die power
dissipation.
TJunction = TAmbient + ( JA × PD)
Where TAmbient is the temperature of the working environment.
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com