Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSK380-LP Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LSK380-LP
Description  ARGUS LED 3 mm T1 LED, Non Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSK380-LP Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LSK380-LP Datasheet HTML 1Page - Siemens Semiconductor Group LSK380-LP Datasheet HTML 2Page - Siemens Semiconductor Group LSK380-LP Datasheet HTML 3Page - Siemens Semiconductor Group LSK380-LP Datasheet HTML 4Page - Siemens Semiconductor Group LSK380-LP Datasheet HTML 5Page - Siemens Semiconductor Group LSK380-LP Datasheet HTML 6Page - Siemens Semiconductor Group LSK380-LP Datasheet HTML 7Page - Siemens Semiconductor Group LSK380-LP Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
Streuung des Lichtstromes in einer Verpackungseinheit
Φ
V max / ΦV min ≤ 2.0.
Luminous flux ratio in one packaging unit
Φ
V max / ΦV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstrom
Luminous Flux
I
F = 15 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS K380-LP
LS K380-N
LS K380-P
LS K380-Q
LS K380-NR
super-red
red clear
10
…
80
25…50
40…80
63
… 125
25
… 200
Q62703-Q1768
Q62703-Q0760
Q62703-Q1003
Q62703-Q1004
Q62703-Q2223
LO K380-LP
LO K380-N
LO K380-P
LO K380-Q
LO K380-NR
orange
orange clear
16
… 125
25…50
40…80
63
… 125
25
… 200
Q62703-Q1888
Q62703-Q2227
Q62703-Q2228
Q62703-Q2229
Q62703-Q2201
LY K380-LP
LY K380-N
LY K380-P
LY K380-Q
LY K380-NR
yellow
yellow clear
16
… 125
25…50
40…80
63
… 125
25
… 200
Q62703-Q1769
Q62703-Q0575
Q62703-Q0576
Q62703-Q3844
Q62703-Q2224
LG K380-LP
LG K380-N
LG K380-P
LG K380-Q
LG K380-NR
green
green clear
10
…
80
25…50
40…80
63
… 125
25
… 200
Q62703-Q1770
Q62703-Q0759
Q62703-Q1034
Q62703-Q3193
Q62703-Q2225
LP K380-KN
LP K380-L
LP K380-M
LP K380-N
LP K380-LP
pure green
colorless clear
6.3 …
50
10.0 …
20
16.0 …
32
25.0 …
50
10.0 …
80
Q62703-Q2506
Q62703-Q3215
Q62703-Q2610
Q62703-Q2605
Q62703-Q3217
LS K380, LO K380, LY K380
LG K380, LP K380



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com