Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CRANE-FUN-P10-CW-SD-PW-CH Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # CRANE-FUN-P10-CW-SD-PW-CH
Description  Multi-functions: Reading light, night light, and clock modes.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CRANE-FUN-P10-CW-SD-PW-CH Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  CRANE-FUN-P10-CW-SD-PW-CH Datasheet HTML 1Page - Everlight Electronics Co., Ltd CRANE-FUN-P10-CW-SD-PW-CH Datasheet HTML 2Page - Everlight Electronics Co., Ltd CRANE-FUN-P10-CW-SD-PW-CH Datasheet HTML 3Page - Everlight Electronics Co., Ltd CRANE-FUN-P10-CW-SD-PW-CH Datasheet HTML 4Page - Everlight Electronics Co., Ltd CRANE-FUN-P10-CW-SD-PW-CH Datasheet HTML 5Page - Everlight Electronics Co., Ltd CRANE-FUN-P10-CW-SD-PW-CH Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2011-03-14 10:04:18.0
DATASHEET
LIFESTYLE LIGHTS
WING-FUN PORTABLE LED LAMP SERIES
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : 03.09.2011. Issue No: DBM-0000152_v3
www.everlight.com
Coding of Part Number:
Crane-Fun / P10 / CW / SD / PW / CH
1
2
3
4
5
6
1. Product Series
5. Color
Crane-Fun: Crane-Fun LED Portable Lamp Series
PW : Pearl White
2. Power Consumption
PB : Pearl Black
P12: 12 watts (EU/US version)
PM : Pearl Magenta
P10: 10 watts (CH version)
6. Region
3. Correlated Color Temperature
EU: Europe Regions
CW: Cold White
US: North America Regions
4. Dimming Control
CH: Asia Regions
SD: Step Dimming
Product Dimensions
Notes: 1. Dimensions are in millimeters
2. Tolerances unless otherwise mentioned ±0.5mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com