Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR2020CF Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # MBR2020CF
Description  20.0 AMP SCHOTTKY BARRIER RECTIFIERS TO-220 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MBR2020CF Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  MBR2020CF Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MBR2020CF Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ratings at 25℃ambient temperature unless otherwise specified
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL
UNIT
Marking Code
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
50
60
80
Volts
Maximum RMS Voltage
VRMS
14
28
35
42
56
Volts
Maximum DC Blocking Voltage
VDC
20
40
50
60
80
Volts
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
RΘJC
℃
/W
Typical Junction Capacitance (Note 2)
CJ
300
PF
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL
UNIT
Maximum Forward Voltage at 10.0A DC, pre leg
VF
Volts
Maximum Average Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=125℃
NOTES :1. Thermal Resistance (Junction to Case): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
-55 to +175
0.2
20
270
150
3.0
-55 to +150
CHARACTERISTICS
Amps
Amps
IO
IFSM
IR
20.0
mAmps
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
ITO-220 PACKAGE
Pb Free Product
WILLAS ELECTRONIC COR
2010-09
Dimensions in inches and (millimeters)
* Low switching noise
* Low forward voltage drop
* High current capability
* High reliability
* High surge capability
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
*
FEATURES
* EPI WAFER
* Case: ITO-220 Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight:1.7 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MBR2020CF
THRU
MBR20200CF
MBR
2020CF
MBR
2020CF
MBR
MBR
MBR
MBR
MBR
MBR
2040CF
2040CF
2050CF
2050CF
2060CF
2060CF
MBR
MBR
MBR
MBR
MBR
MBR
MBR
MBR
2080CF
2080CF
20100CF
20100CF
20150CF
20150CF
20200CF
20200CF
100
70
100
150
105
150
200
140
200
400
210
MBR
2020CF
MBR
MBR
MBR
2040CF 2050CF
2060CF
MBR
MBR
MBR
2080CF 20100CF
20150CF
MBR
20200CF
0.64
0.74
0.83
0.87
.03 5(1. 00 )
.020(0.60)
.0
60(1.52)
.039(1.00)
.187(4.70)
.169(4.30)
.134(3.40)
.110(2.80)
.031(0.80)
.016(0.40)
.114(2.90)
.098(2.50)
.138(3.50)
.122(3.10)
.531(13.50)
.492(12.50)
.406(10.30)
.382(9.70)
.602(15.30)
.579(14.70)
.108(2.75)
.091(2.30)
.114(2.90)
.098(2.50)
.154(3.90)
.138(3.50)


Similar Part No. - MBR2020CF

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
MBR2020CD NIUHANG-MBR2020CD Datasheet
2Mb / 5P
SCHOTTKY RECTIFIERS
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
20Amp schottky barrier rectifier 20to100 volts
logo
Compact Technology Corp...
MBR2020CT CTC-MBR2020CT Datasheet
63Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR2020CF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP20250 SECOS-SP20250 Datasheet
103Kb / 2P
20.0 AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
20.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR2045F SECOS-SBR2045F_10 Datasheet
143Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_10 Datasheet
154Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF20150CT GWSEMI-SRF20150CT Datasheet
71Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR2060 SECOS-MBR2060_15 Datasheet
201Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F_15 Datasheet
223Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SBR20200 SECOS-SBR20200_15 Datasheet
286Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_15 Datasheet
304Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com