Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVAL-ADE7880EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # EVAL-ADE7880EBZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7880EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button EVAL-ADE7880EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7880EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 24 of 104
HARDWARE RESET
The ADE7880 has a RESET pin. If the
is in PSM0
mode and the
ADE7880
RESET pin is set low, then the
enters
the hardware reset state. The
must be in PSM0 mode
for a hardware reset to be considered. Setting the
ADE7880
ADE7880
RESET pin
low while the
is in PSM1, PSM2, and PSM3 modes
does not have any effect.
ADE7880
If the ADE7880 is in PSM0 mode and the RESET pin is toggled
from high to low and then back to high after at least 10 μs, all the
registers are set to their default values, including the CONFIG2 and
LPOILVL registers. The
signals the end of the transition
period by triggering the
ADE7880
IRQ1 interrupt pin low and setting Bit 15
(RSTDONE) in the STATUS1 register to 1. This bit is 0 during
the transition period and becomes 1 when the transition ends.
The status bit is cleared and the IRQ1 pin is returned high by
writing to the STATUS1 register with the corresponding bit set
to 1.
After a hardware reset, the DSP is in idle mode, which means it
does not execute any instruction.
Because the I2C port is the default serial port of the ADE7880, it
becomes active after a reset state. If SPI is the port used by the
external microprocessor, the procedure to enable it must be
repeated immediately after the RESET pin is toggled back to
high (see the
section for details).
Serial Interfaces
At this point, it is recommended to initialize all of the ADE7880
registers and then write 0x0001 into the Run register to start the
DSP. See the Digital Signal Processor section for details on the
Run register.
SOFTWARE RESET FUNCTIONALITY
Bit 7 (SWRST) in the CONFIG register manages the software
reset functionality in PSM0 mode. The default value of this bit is 0.
If this bit is set to 1, then the ADE7880 enters the software reset
state. In this state, almost all internal registers are set to their
default values. In addition, the choice of which serial port, I2C or
SPI, is in use remains unchanged if the lock-in procedure has
been executed previously (see the Serial Interfaces section for
details). The registers that maintain their values despite the
SWRST bit being set to 1 are the CONFIG2 and LPOILVL
registers. When the software reset ends, Bit 7 (SWRST) in the
CONFIG register is cleared to 0, the IRQ1 interrupt pin is set
low, and Bit 15 (RSTDONE) in the STATUS1 register is set to 1.
This bit is 0 during the transition period and becomes 1 when
the transition ends. The status bit is cleared and the IRQ1 pin is
set back high by writing to the STATUS1 register with the
corresponding bit set to 1.
After a software reset ends, the DSP is in idle mode, which
means it does not execute any instruction. As a good programming
practice, it is recommended to initialize all the ADE7880 registers
and then write 0x0001 into the Run register to start the DSP
(see the Digital Signal Processor section for details on the Run
register).
Software reset functionality is not available in PSM1, PSM2, or
PSM3 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com