Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6PT06AI Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 6PT06AI
Description  Stansard SCRs, 6A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6PT06AI Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  6PT06AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6PT06AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6PT06AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6PT06AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6PT06AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page2of5
SEMICONDUCTOR
6PTSeries RoHS
RoHS
Note: xx
voltage
=
6PTxxxx
Unit
IGT
VGD
IH
mA
dV dt
/
VTM
IDRM
IRRM
mA
IL
V =12V,R =30
D
L
V =V
,R =3.3K
D
DRM
L
R
=220 ,T =110°C
GK
j
I =100mA,Gateopen
T
I =1.2 I
G
× GT
V =67%V
, Gateopen,T =110°C
D
DRM
j
1.3
0.2
30
50
200
mA
V
V
mA
V/µs
I =12A,
T
t =380µs
P
T =110°C
j
T =25°C
j
T =25°C
j
V
µA
ELECTRICAL SPECIFICATIONS
(TJ = 25
)
unless otherwise specified
ºC
TESTCONDITIONS
SYMBOL
V =V
,V =V
D
DRM
R
RRM
1.6
5
2
R
=220
GK
Max.
Max.
Min.
Max.
Min.
Min.
Max.
Max.
Max.
15
THERMAL RESISTANCE
Rth j c
( - )
Junction to case DC
(
)
Rth j a
( - )
Junction to ambient
2.5
60
°C/W
°C/W
UNIT
VALUE
SYMBOL
Parameter
IPAK/DPAK/TO-220AB
TO-252(D-PAK)
TO-220AB
TO-251(I-PAK)
70
100
S=0.5cm2
VGT
www.nellsemi.com
µS
70
tq
T =110°C
j
TYP.
V =67%V
, I
,V =25V
D
DRM
R
TM =12A
dI
=30A/
dV /dt=50V/
TM
D
µs,
µs
PRODUCT SELECTOR
PART NUMBER
VOLTAGE
x x
(
)
SENSITIVITY
600 V
A
15
m
1000 V
6PTxxA/6PTxxAl
6PTxxF
6PTxxG
V
V
800 V
V
PACKAGE
TO-220AB
D-PAK
V
V
V
V
V
V
I-PAK
A
15
m
A
15
m
ORDERING INFORMATION
6PTxxA
6PTxxA
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
BASE Q
,
TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
6PTxxAI
6PTxxAI
2.3g
50
Tube
6PTxxF
6PTxxF
TO-251(I-PAK)
0.40g
80
6PTxxG
6PTxxG
0.38g
80
Tube
TO-252(D-PAK)
TO-220AB(insulated)
Tube



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com