Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4607 Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4607
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology LTM4607 Datasheet HTML 22Page - Linear Technology LTM4607 Datasheet HTML 23Page - Linear Technology LTM4607 Datasheet HTML 24Page - Linear Technology LTM4607 Datasheet HTML 25Page - Linear Technology LTM4607 Datasheet HTML 26Page - Linear Technology LTM4607 Datasheet HTML 27Page - Linear Technology LTM4607 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC3780
28
3780fe
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0309 REV E • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
LTC3780
DA
BO540W
DB
BO540W
CF 0.1μF
COUT
330μF
16V
VOUT
12V
5A
VIN
5V TO 32V
CC1
0.01μF
CC2
47pF
CSS
0.022μF
CIN
22μF
35V
3780 TA02
CA
0.22μF
VPULLUP
CB 0.22μF
B
Si7884DP
C
Si7884DP
D
Si7884DP
L
4.7μH
D1
B340A
D2
B320A
A
Si7884DP
CVCC 4.7μF
9mΩ
10Ω
PGOOD
SS
SENSE+
SENSE
ITH
VOSENSE
BOOST1
TG1
SW1
VIN
EXTVCC
INTVCC
1
2
3
4
5
6
24
23
22
21
20
19
SGND
RUN
FCB
PLLFLTR
BG1
PGND
BG2
SW2
PLLIN
STBYMD
TG2
BOOST2
7
8
9
10
18
17
16
15
11
12
14
13
100Ω
100Ω
R1
8.06k, 1%
R2 113k, 1%
ON/OFF
10k
2V
RC
100k
RPU
68pF
CSTBYMD
0.01μF
+
22μF
16V, X7R
3
3.3μF
50V, X5R
3
Figure 13. LTC3780 12V/5A, Buck-Boost Regulator
PART NUMBER
DESCRIPTION
COMMENTS
LTC1871/LTC1871-1
LTC1871-7
SEPIC, Boost, Flyback Controller
No RSENSE™, 2.5V ≤ VIN ≤ 36V Burst Mode Operation, MSOP-10
Package
LTC3443
1.2A IOUT, 600kHz, Synchronous Buck-Boost DC/DC
Converter
VIN: 2.4V to 5.5V, VOUT: 2.4V to 5.25V, IQ = 28μA, ISD < 1μA,
MS Package
LTC3444
500mA IOUT, 1.5MHz Synchronous Buck-Boost DC/DC
Converter
VIN: 2.7V to 5.5V, VOUT: 0.5V to 5.25V, Optimized for WCDMA RF
Amplifier Bias
LTC3531/LTC3531-3
LTC3531-3.3
200mA IOUT, Synchronous Buck-Boost DC/DC Converter
VIN: 1.8V to 5.5V, VOUT: 2V to 5V, IQ = 35μA, ISD < 1μA,
MS, DFN Packages
LTC3532
500mA IOUT, 2MHz, Synchronous Buck-Boost DC/DC
Converter
VIN: 2.4V to 5.5V, VOUT: 2.4V to 5.25V, IQ = 35μA, ISD < 1μA,
MS, DFN Packages
LTC3533
2A Wide Input Voltage Synchronous Buck-Boost DC/DC
Converter
VIN: 1.8V to 5.5V, VOUT: 1.8V to 5.25V, IQ = 40μA, ISD < 1μA,
DFN Package
LTC3785/LTC3785-1 10V, High Efficiency, Synchronous, No RSENSE, Buck-Boost
Controller
VIN: 2.7V to 10V, VOUT: 2.7V to 10V, IQ = 86mA, ISD < 15μA,
QFN-24 Package
LTC4444/LTC4444-5 High Voltage Synchronous N-Channel MOSFET Driver
VIN up to 100V, Used with the LTC3780 for Higher VIN Applications
LTM4605
5A to 12A Buck-Boost μModule™
4.5V ≤ VIN ≤ 20V, 0.8V ≤ VOUT ≤ 16V, 15mm × 15mm × 2.8mm
LGA Package
LTM4607
5A to 12A Buck-Boost μModule
4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, 15mm × 15mm × 2.8mm
LGA Package
No RSENSE and μModule are trademarks of Linear Technology Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com