Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4612 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4612
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4612 Datasheet(HTML) 2 Page - Linear Technology

  LTM4612 Datasheet HTML 1Page - Linear Technology LTM4612 Datasheet HTML 2Page - Linear Technology LTM4612 Datasheet HTML 3Page - Linear Technology LTM4612 Datasheet HTML 4Page - Linear Technology LTM4612 Datasheet HTML 5Page - Linear Technology LTM4612 Datasheet HTML 6Page - Linear Technology LTM4612 Datasheet HTML 7Page - Linear Technology LTM4612 Datasheet HTML 8Page - Linear Technology LTM4612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8048
2
8048fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN, BIAS ........................................................32V
ADJ1, SS.....................................................................5V
VOUT1 Relative to VOUT– ............................................16V
(VIN – GND) + (VOUT1 – VOUT–) .................................36V
VOUT2 Relative to VOUT– ..........................................+20V
ADJ2 Relative to VOUT– .............................................+7V
BYP Relative to VOUT–............................................+0.6V
BIAS Above VIN........................................................ 0.1V
GND to VOUT– Isolation (Note 2) ........................725VDC
Maximum Internal Temperature (Note 3) .............. 125°C
Maximum Solder Temperature.............................. 250°C
Storage Temperature.............................. –55°C to 125°C
(Note 1)
TOP VIEW
H
G
F
E
D
C
B
A
1234567
BANK 2
VOUT
–
BANK 1
VOUT1
BANK 4
GND
BIAS
RUN
ADJ2
BYP
ADJ1
SS
BANK 5
VIN
BANK 3
VOUT2
BGA PACKAGE
45-LEAD (11.25mm
× 9mm × 4.92mm)
TJMAX = 125°C, θJA = 23.2°C/W, θJCbottom = 5.8°C/W, θJCtop = 23.2°C/W, θJB = 6.7°C/W
WEIGHT = 1.1g,
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (Note 3)
LTM8048EY#PBF
LTM8048EY#PBF
LTM8048Y
45-Lead (11.25mm
× 9mm × 4.92mm) BGA
–40°C to 125°C
LTM8048IY#PBF
LTM8048IY#PBF
LTM8048Y
45-Lead (11.25mm
× 9mm × 4.92mm) BGA
–40°C to 125°C
LTM8048MPY#PBF
LTM8048MPY#PBF
LTM8048Y
45-Lead (11.25mm
× 9mm × 4.92mm) BGA
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com