Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1SS361LP3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1SS361LP3
Description  ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1SS361LP3 Datasheet(HTML) 1 Page - Diodes Incorporated

  1SS361LP3 Datasheet HTML 1Page - Diodes Incorporated 1SS361LP3 Datasheet HTML 2Page - Diodes Incorporated 1SS361LP3 Datasheet HTML 3Page - Diodes Incorporated 1SS361LP3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS361LP3
Document number: DS35233 Rev. 5 - 2
1 of 4
www.diodes.com
January 2012
© Diodes Incorporated
1SS361LP3
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Features
Ultra-Small Leadless Surface Mount Package (0.6 x 0.3mm)
Ultra-Low Profile Package (0.3mm)
Fast Switching Speed
Low Forward Voltage
Fast Reverse Recovery
Low Capacitance
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: X3-DFN0603-2
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals: Finish
− Matte Tin Finish over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.0002 grams (Approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
1SS361LP3-7
X3-DFN0603-2
10,000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
S3 = Product Type Marking Code
Bar Denotes Cathode Side
Top View
Bottom View
S3


Similar Part No. - 1SS361LP3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3_15 Datasheet
176Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
More results

Similar Description - 1SS361LP3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GDZ5V1LP3 DIODES-GDZ5V1LP3 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 12
SDM02U30LP3 DIODES-SDM02U30LP3 Datasheet
167Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
logo
Vishay Siliconix
DS30506 VISHAY-DS30506 Datasheet
87Kb / 5P
Ultra-Small Leadless Surface Mount Package
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3_15 Datasheet
176Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
GDZ8V2BLP3 DIODES-GDZ8V2BLP3_15 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 1
SDM02U30LP3 DIODES-SDM02U30LP3_15 Datasheet
146Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
GDZ3V9LP3 DIODES-GDZ3V9LP3 Datasheet
212Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 16
SDM02U30LP3 DIODES-SDM02U30LP3_16 Datasheet
296Kb / 4P
ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE
Rev erse
GDZ2V7LP3 DIODES-GDZ2V7LP3 Datasheet
342Kb / 5P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 18
GDZ8V2BLP3 DIODES-GDZ8V2BLP3 Datasheet
93Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev. 1 - 2 February 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com