Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EUP3421 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP3421
Description  2A, Synchronous Step-Down Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3421 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP3421 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUP3421
DS3421
Ver1.0
Jun. 2011
1
2A, Synchronous Step-Down Converter
DESCRIPTION
The EUP3421 is a 1 MHz fixed frequency synchronous,
current-mode, step-down dc-dc converter capable of
providing up to 2A output current. The EUP3421
operates from an input range of 2.7V to 5.5V and
provides a regulated output voltage from 0.8V to 5V.
The internal synchronous power switch improves
efficiency and eliminates the need for an external
Schottky diode. Forced PWM operation provides very
low
output
ripple
voltage
for
noise
sensitive
applications.
The EUP3421 features short circuit and thermal
protection
circuits
to
improve
system reliability.
Externally adjustable soft-start avoids input inrush
current during startup. The EUP3421 is available in
SOP-8 package.
Typical Application Circuit
FEATURES
2.7V to 5.5V Input Voltage Range
High Efficiency up to 96%
2A Available Load Current
100/60m
Integrated PFET/NFET Switches
1MHz Switching Frequency
100% Duty Cycle Low Dropout Operation
Short Circuit and Thermal Protection
Integrated UVLO
Excellent Line and Load Transient Response
Available in SOP-8 Package
RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free
APPLICATIONS
High Performance DSPs, FPGAs, ASICs and
Microprocessors
Base Station, Telecom, and Networking
Equipment Power Supplies
ePC and NetPCs
Figure1. Typical Application Circuit


Similar Part No. - EUP3421

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3420JIR1 EUTECH-EUP3420JIR1 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3420MIR1 EUTECH-EUP3420MIR1 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3423 EUTECH-EUP3423 Datasheet
89Kb / 1P
3.2A, Synchronous Step-Down Converter
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
5A, 1MHz Synchronous Step-Down Converter
More results

Similar Description - EUP3421

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
2A, 20V Synchronous Step-Down Converter
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com