Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE4286G Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4286G
Description  5-V Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4286G Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  TLE4286G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLE 4286 G
Semiconductor Group
8
1998-11-01
Output Voltage V
Q versus
Temperature T
j
Drop Voltage V
dr versus
Output Current I
Q
Output Voltage V
Q versus
Output Current I
Q
Inhibit Voltage V
INH versus
Inhibit Current I
INH
4.80
-40
0
5.00
4.90
40
T j
80
120
160
C
5.10
Q
V
V
AED02191
Ι
Q = 1 mA
= 10 mA
Q
Ι
4.85
4.95
5.05
600
0
0
200
400
10
7.5
5
2.5
800
mV
1000
1200
mA
15
Q
Ι
AED02193
Vdr
Tj =
-40 C
25 C
130 C
AED02192
Ι
Q
40
V
6
0
0
mA
1
2
3
4
5
20
10
30
T j = 130 C
25 C -40 C
V Q
0
010
80
40
20
V INH
30
40
50
V
120
A
AED02194
100
60
20
Ι
INH
j
T = 130 C
25 C
-40 C
µ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com