Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A-MOT-E-8-8-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-MOT-E-8-8-R
Description  Kink protection boot
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MOT-E-8-8-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MOT-E-8-8-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2011 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
A-MOT/E-8/8-R
Kink protection boot - RJ45/8P8C modular plugs, Grey
Unit: MM
Material:
• For 8P8C RJ45 modular plugs
• Suitable for shielded and non-shielded modular plugs
• With latch protection
• Operating Temperature: -40°C ~ 70°C
*Not for Hirose type


Similar Part No. - A-MOT-E-8-8-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MOT-E-8-8 ASSMANN-A-MOT-E-8-8 Datasheet
50Kb / 1P
Kink protection boot
More results

Similar Description - A-MOT-E-8-8-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0951154886 MOLEX11-0951154886 Datasheet
102Kb / 2P
Round Cable Boot with Latch Protection for Modular Plug, Blue
0951154881 MOLEX11-0951154881 Datasheet
102Kb / 2P
Round Cable Boot with Latch Protection for Modular Plug, Black
0039276023 MOLEX1-0039276023 Datasheet
136Kb / 2P
2.5 LOW PROFILE WAFER ASSY WITH KINK
logo
Assmann Electronics Inc...
A-MOT8-8 ASSMANN-A-MOT8-8 Datasheet
50Kb / 1P
Kink protection boot
A-MOT-B-8-8 ASSMANN-A-MOT-B-8-8 Datasheet
50Kb / 1P
Kink protection boot
A-MOT-E-8-8 ASSMANN-A-MOT-E-8-8 Datasheet
50Kb / 1P
Kink protection boot
A-MOT-G-8-8 ASSMANN-A-MOT-G-8-8 Datasheet
50Kb / 1P
Kink protection boot
A-MOT-Y-8-8 ASSMANN-A-MOT-Y-8-8 Datasheet
50Kb / 1P
Kink protection boot
A-MOT-R-8-8 ASSMANN-A-MOT-R-8-8 Datasheet
50Kb / 1P
Kink protection boot
logo
HARTING Technology Grou...
09-18-516-6024 HARTING-09-18-516-6024 Datasheet
603Kb / 3P
SEK-18 SV MA STD STR29 16P PL2 KINK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com