Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4438 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4438
Description  Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4438 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4438 Datasheet HTML 1Page - Sipex Corporation SP4438 Datasheet HTML 2Page - Sipex Corporation SP4438 Datasheet HTML 3Page - Sipex Corporation SP4438 Datasheet HTML 4Page - Sipex Corporation SP4438 Datasheet HTML 5Page - Sipex Corporation SP4438 Datasheet HTML 6Page - Sipex Corporation SP4438 Datasheet HTML 7Page - Sipex Corporation SP4438 Datasheet HTML 8Page - Sipex Corporation SP4438 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Rev. 11/13/00
SP4438 Ultra-Quiet Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
Supply Voltage (V
DD to VSS)........................-0.3V, +5V
Operating Temperature.......................-40˚C to +85˚C
Storage Temperature........................-65˚C to +150˚C
Power Dissipation Per Package
8-pin MSOP
(derate 4.85mW/OC above +70OC).........................400mW
SPECIFICATIONS
V
DD = +2.7V to +3.3V, LCOIL = 820µH/14Ω, ROSC = 714kΩ, EL Lamp Load = (8nF + 2.5kΩ)/1MΩ, and TAMB = -40
OC to +85OC. T
AMB = 25
OC for typical
values unless otherwise noted.
NOTE 1: Audible Noise is measured inside an acoustic sound chamber. The Sound Level Meter is a B&K
Mediator 2238, A-weighted with Condenser Mic type 4188 positioned 1/4 inch above the lamp in an 8 cubic inch
volume. See Figure 5 on page 6.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
T
U
P
N
I
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
D
D
7
.
20
.
33
.
3V
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
L
I
O
C
I
+
D
D
0
3A
mV
D
D
V
0
.
3
+
=
V
,
e
g
a
t
l
o
V
li
o
C
L
I
O
C
V
D
D
9
V
V
,
e
g
a
t
l
o
V
t
u
p
n
I
N
E
L
E
N
E
L
E
L
E
:
W
O
L
F
F
O
L
E
:
H
G
I
H
n
o
5
2
.
0
-
V
D
D
5
2
.
0
-
0
V
D
D
V
5
2
.
0
V
D
D
5
2
.
0
+
V
e
c
n
a
d
e
p
m
I
t
u
p
n
I
N
E
L
E1
3
M
I
,
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
D
S
I
=
L
I
O
C
I
+
D
D
1A
µV
N
E
L
E
V
,
W
O
L
=
D
D
V
0
.
3
+
=
E
V
I
R
D
R
O
T
C
U
D
N
I
f
,
y
c
n
e
u
q
e
r
F
li
o
C
L
I
O
C
6
2
3
2
2
33
4
5
4
z
H
k
R
C
S
O
k
4
1
7
=
Ω T
,
B
M
A
5
2
+
=
OC
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
O
V
,
C
D
D
V
0
.
3
+
=
e
l
c
y
C
y
t
u
D
li
o
C0
9%
I
,
t
n
e
r
r
u
C
li
o
C
k
a
e
P
L
I
O
C
-
K
P
0
0
1A
m
T
U
P
T
U
O
P
M
A
L
L
E
f
,
y
c
n
e
u
q
e
r
F
p
m
a
L
L
E
P
M
A
L
0
9
1
5
7
1
0
5
26
3
3
8
4
3
z
H
T
B
M
A
5
2
+
=
O
V
,
C
D
D
d
a
o
l
h
t
i
w
,
V
0
.
3
+
=
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
OC
,
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
o
t
k
a
e
PV
P
-
P
0
3
1
0
2
1
5
4
1
0
4
1
V
P
-
P
T
B
M
A
5
2
+
=
O
V
,
C
D
D
d
a
o
l
h
t
i
w
,
V
0
.
3
+
=
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
OC
e
s
i
o
N
e
l
b
i
d
u
A6
2B
d
L
P
S
T
B
M
A
5
2
+
=
O
V
,
C
D
D
1
E
T
O
N
,
V
0
.
3
+
=
e
m
i
T
e
s
i
R5
5
.8
.
00
.
1s
m
T
B
M
A
5
2
+
=
O
V
,
C
D
D
,
d
a
o
l
h
t
i
w
,
V
0
.
3
+
=
%
0
9
o
t
%
0
1
m
o
r
f
d
e
r
u
s
a
e
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com