Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4501 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP4501
Description  EL Plus Piezo Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4501 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP4501 Datasheet HTML 5Page - Sipex Corporation SP4501 Datasheet HTML 6Page - Sipex Corporation SP4501 Datasheet HTML 7Page - Sipex Corporation SP4501 Datasheet HTML 8Page - Sipex Corporation SP4501 Datasheet HTML 9Page - Sipex Corporation SP4501 Datasheet HTML 10Page - Sipex Corporation SP4501 Datasheet HTML 11Page - Sipex Corporation SP4501 Datasheet HTML 12Page - Sipex Corporation SP4501 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
11-14-00
SP4501 EL Plus Piezo Driver
© Copyright 2000 Sipex Corporation
9
PIN ASSIGNMENTS
Pin 1 — ELEN — Electroluminescent Lamp
Enable. When driven HIGH, this input pin
enables the EL driver outputs. This pin has
an internal pulldown resistor.
Pin 2 — PZEN — Piezo Enable. When this input
pin is driven HIGH, the piezo operates at a
frequency f
OSC/16.
When this input pin is
LOW, the clock signals applied to PZCK or
PZCK will drive the internal piezo circuitry.
This pin has an internal pulldown resistor.
Pin 3 — R
OSC — Oscillator Resistor. Connecting
a resistor between this pin and V
DD sets the
frequency of the internal clock.
Pin 4 — PZCK — Inverse Piezo Clock. When
PZEN is LOW, the internal piezo circuit will
operate at the frequency of the clock signal
applied to this input pin. For the piezo driver
to rest in the inactive mode, it is required that
PZCK remains at logic HIGH. This pin has
an internal pullup resistor.
Pin 5 — PZCK — Piezo Clock. When PZEN is
LOW, the internal piezo circuit will operate
at the frequency of the clock signal applied to
this input pin. For the piezo driver to rest in
the inactive mode, it is required that PZCK
remains at logic LOW.
This pin has an
internal pulldown resistor.
Pin 6 — No connect.
.
Pin 7 — V
SS — Power Supply Ground. Connect
to the lowest circuit potential, typically ground
Pin 8 — COIL — Coil. The inductor for the
boost converter is connected from V
BATT to
this pin.
Pin 9 — CAP — Integrator Capacitor.
An
integrator capacitor connected from this pin
to ground filters out any coil switching spikes
or ripple present in the output waveform to
the EL lamp. Connecting a fast recovery
diode from COIL to CAP increases the light
output of the EL lamp.
Pin 10 — PZ1 — Piezotransducer Output. Con-
nect this pin to the piezotransducer.
Pin 11 — PZ2 — Piezotransducer Output. Con-
nect this pin to the piezotransducer.
Pin 12 — EL1 — Electroluminescent Lamp
Output. Connect this pin to the EL lamp.
Pin 13 — EL2 — Electroluminescent Lamp
Output. Connect this pin to the EL lamp.
Pin 14 — V
DD — Positive Power Supply. This
pin should be bypassed with a 0.1
µF capaci-
tor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com