Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP495 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP495
Description  Quad Differential RS-485 Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP495 Datasheet(HTML) 3 Page - Sipex Corporation

  SP495 Datasheet HTML 1Page - Sipex Corporation SP495 Datasheet HTML 2Page - Sipex Corporation SP495 Datasheet HTML 3Page - Sipex Corporation SP495 Datasheet HTML 4Page - Sipex Corporation SP495 Datasheet HTML 5Page - Sipex Corporation SP495 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SP495
Quad Differential RS-485 Transceiver
© Copyright 2000 Sipex Corporation
A
B
R
R
VOD
VOC
1k
1k
CRL
Receiver
Output
S1
S2
Test Point
VCC
Figure 1. Driver DC Test Load Circuit
Figure 2. Receiver Timing Test Load Circuit
Operating Temperature
Commercial (_C_)
0
+70
°C
Industrial (_E_)
-40
+85
°C
Storage Temperature
-65
+150
°C
Package
Plastic LCC (_L)
SPECIFICATIONS (continued)
T
MIN to TMAX and VCC = 5V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RECEIVER
DC Characteristics
Output Voltage LOW
0.4
Volts
I
O = +4mA, VID = -200mV
Three State (high impedance)
Output Current
±0.5
10
µA
0.4V
≤ V
O ≤ 2.4V; DEx/ REx = 5V
Input Resistance
12
15
k
Ω
-7V
≤ V
CM ≤ 12V
Input Current (A, B); V
IN = 12V
±1.0
mA
DE = 0V, V
CC = 0V or 5.25V, VIN = 12V
Input Current (A, B); V
IN = -7V
-0.8
mA
DE = 0V, V
CC = 0V or 5.25V, VIN = -7V
Short-Circuit Current
85
mA
0V
≤ V
O ≤ VCC
RECEIVER
AC Characteristics
Maximum Data Rate
10
Mbps
DEx/ REx = 0V
Receiver Input to Output
60
200
ns
t
PLH; RDIFF = 54Ω,
C
L1 = CL2 = 100pF; Figures 3 & 8
Receiver Input to Output
60
200
ns
t
PHL; RDIFF = 54Ω,
C
L1 = CL2
= 100pF; Figures 3 & 8
Diff. Receiver Skew It
PLH-tPHLI13
ns
R
DIFF = 54Ω; CL1 = CL2 = 100pF;
Figures 3 & 8
Receiver Enable to Output LOW
45
70
ns
C
RL = 15pF; Figures 2 and 9; S1 closed
Receiver Enable to Output HIGH
45
70
ns
C
RL = 15pF; Figures 2 and 9; S2 closed
Receiver Disable from LOW
45
70
ns
C
RL = 15pF; Figures 2 and 9; S1 closed
Receiver Disable from HIGH
45
70
ns
C
RL = 15pF; Figures 2 and 9; S2 closed
POWER REQUIREMENTS
Supply Voltage
+4.75
+5.25
Volts
Supply Current
2
5
mA
DEx/ REx, DRx = 0V or V
CC
ENVIRONMENTAL AND
MECHANICAL
CL1
15pF
RO
A
B
A
B
DI
DE
3V
CL2
RDIFF
500
CL
Output
Under
Test
S1
S2
VCC
Figure 3. Driver/Receiver Timing Test Circuit
Figure 4. Driver Timing Test Load #2 Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com