Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCOF2002A-TEFWD Datasheet(PDF) 6 Page - P-tec Corporation

Part # PCOF2002A-TEFWD
Description  240 Column X 64 Row
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PCOF2002A-TEFWD Datasheet(HTML) 6 Page - P-tec Corporation

Back Button PCOF2002A-TEFWD Datasheet HTML 2Page - P-tec Corporation PCOF2002A-TEFWD Datasheet HTML 3Page - P-tec Corporation PCOF2002A-TEFWD Datasheet HTML 4Page - P-tec Corporation PCOF2002A-TEFWD Datasheet HTML 5Page - P-tec Corporation PCOF2002A-TEFWD Datasheet HTML 6Page - P-tec Corporation PCOF2002A-TEFWD Datasheet HTML 7Page - P-tec Corporation PCOF2002A-TEFWD Datasheet HTML 8Page - P-tec Corporation PCOF2002A-TEFWD Datasheet HTML 9Page - P-tec Corporation PCOF2002A-TEFWD Datasheet HTML 10Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PAGE 6 OF 13
6. Optical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
(V)θ
CR≥2
-20
-
35
deg
View Angle
(H)φ
CR≥2
-30
-
30
deg
Contrast Ratio
CR
-
-
3
-
-
T rise
-
-
-
250
ms
Response Time
T fall
-
-
-
250
ms
Definition of Operation Voltage (Vop)
Definition of Response Time ( Tr , Tf )
Driving Voltage(V)
Intensity
Cr Max
100%
Vop
Selected Wave
Non-selected Wave
[positive type]
Cr = Lon / Loff
Intensity
90%
100%
Tr
10%
Tf
Non-selected
Conition
Non-selected
Conition
Selected Conition
[positive type]
Conditions : Operating Voltage : Vop
Viewing Angle(θ,φ) : 0°, 0°
Frame Frequency : 64 HZ
Driving Waveform : 1/N duty , 1/a bias
Definition of viewing angle(CR≥2)
θ f
φ = 180°
φ = 90°
φ = 0°
φ = 270°
θ b
θ r
θ l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com