Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCOF2002A-TCMWD Datasheet(PDF) 13 Page - P-tec Corporation

Part # PCOF2002A-TCMWD
Description  240 Column X 64 Row
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PCOF2002A-TCMWD Datasheet(HTML) 13 Page - P-tec Corporation

Back Button PCOF2002A-TCMWD Datasheet HTML 5Page - P-tec Corporation PCOF2002A-TCMWD Datasheet HTML 6Page - P-tec Corporation PCOF2002A-TCMWD Datasheet HTML 7Page - P-tec Corporation PCOF2002A-TCMWD Datasheet HTML 8Page - P-tec Corporation PCOF2002A-TCMWD Datasheet HTML 9Page - P-tec Corporation PCOF2002A-TCMWD Datasheet HTML 10Page - P-tec Corporation PCOF2002A-TCMWD Datasheet HTML 11Page - P-tec Corporation PCOF2002A-TCMWD Datasheet HTML 12Page - P-tec Corporation PCOF2002A-TCMWD Datasheet HTML 13Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PAGE 13 OF 13
13.Reliability
Content of Reliability Test
Environmental Test
Test Item
Content of Test
Test Condition
Applicable
Standard
High
Temperature
storage
Endurance test applying the high storage
temperature for a long time.
60°C
96hrs
——
Low
Temperature
storage
Endurance test applying the high storage
temperature for a long time.
-10°C
96hrs
——
High
Temperature
Operation
Endurance test applying the electric stress
(Voltage & Current) and the thermal stress
to the element for a long time.
50°C
96hrs
——
Low
Temperature
Operation
Endurance test applying the electric stress
under low temperature for a long time.
0°C
96hrs
——
High
Temperature/
Humidity
Storage
Endurance test applying the high
temperature and high humidity storage for a
long time.
60°C,90%RH
96hrs
——
High
Temperature/
Humidity
Operation
Endurance test applying the electric stress
(Voltage & Current) and temperature /
humidity stress to the element for a long
time.
50°C,90%RH
96hrs
——
Temperature
Cycle
Endurance test applying the low and high
temperature cycle.
-10°C
25°C
60°C
30min
5min
30min
1 cycle
-10°C/60°C
10 cycles
——
Mechanical Test
Vibration test
Endurance test applying the vibration
during transportation and using.
10~22Hz→1.5mmp-p
22~500Hz→1.5G
Total 0.5hrs
——
Shock test
Constructional and mechanical endurance
test applying the shock during
transportation.
50G Half sign
wave 11 msec
3 times of each
direction
——
***Supply voltage for logic system=5V. Supply voltage for LCD system =Operating voltage at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com