Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M200 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # M200
Description  Two-PLL Programmable Clock Generator for Portable Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M200 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button M200 Datasheet HTML 4Page - Cypress Semiconductor M200 Datasheet HTML 5Page - Cypress Semiconductor M200 Datasheet HTML 6Page - Cypress Semiconductor M200 Datasheet HTML 7Page - Cypress Semiconductor M200 Datasheet HTML 8Page - Cypress Semiconductor M200 Datasheet HTML 9Page - Cypress Semiconductor M200 Datasheet HTML 10Page - Cypress Semiconductor M200 Datasheet HTML 11Page - Cypress Semiconductor M200 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MoBL® Clock
M200/M500
Document Number: 001-29139 Rev. *C
Page 8 of 17
Serial Programming Interface Timing
Figure 6. Start and Stop Frame
Figure 7. Frame Format (Device Address, R/W, Register Address, Register Data)
Serial I2C Programming Interface Timing Specifications
Parameter
Description
Min
Max
Unit
fSCL
Frequency of SCL
400
kHz
Start Mode Time from SDA LOW to SCL LOW
0.6
s
CLKLOW
SCL LOW Period
1.3
s
CLKHIGH
SCL HIGH Period
0.6
s
tSU
Data Transition to SCL HIGH
250
ns
tDH
Data Hold (SCL LOW to data transition)
0
ns
Rise Time of SCL and SDA
300
ns
Fall Time of SCL and SDA
300
ns
Stop Mode Time from SCL HIGH to SDA HIGH
0.6
s
Stop Mode to Start Mode
1.3
s
SDA
SCL
START
Transition
to next Bit
STOP
SDA
SCL
DA6
DA5 DA0
R/W
ACK
RA7
RA6 RA1
RA0
ACK
STOP
START
ACK
D7
D6
D1
D0
++
+
+
+
+
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com