Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SL4518B Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4518B
Description  Dual Up-Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4518B Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4518B Datasheet HTML 1Page - System Logic Semiconductor SL4518B Datasheet HTML 2Page - System Logic Semiconductor SL4518B Datasheet HTML 3Page - System Logic Semiconductor SL4518B Datasheet HTML 4Page - System Logic Semiconductor SL4518B Datasheet HTML 5Page - System Logic Semiconductor SL4518B Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL4518B
System Logic
Semiconductor
SLS
Dual Up-Counter
High-Voltage Silicon-Gate CMOS
The SL4518B Dual BCD Up-Counter consists two identical,
internally synchronous 4-stage counters. The counter stages are D-
type flip-flops having interchangeable CLOCK and ENABLE lines for
incrementing on either the positive-going or negative-going transition.
For single-unit operation the ENABLE input is maintained high and the
counter advances on each positive-going transition of the CLOCK. The
counters are cleared by high levels on their RESET lines.
The counter can be cascaded in the ripple mode by connecting Q4
to the enable input of the subsequent counter while the CLOCK input
of the latter is held low.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4518BN Plastic
SL4518BD SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16=VCC
PIN 8= GND
FUNCTION TABLE
Inputs
Outputs
CLOCK
ENABLE
RESET
Mode
H
L
Increment Counter
L
L
Increment Counter
X
L
No Change
X
L
No Change
L
L
No Change
H
L
No Change
X
X
H
Q1 thru Q4=L
X = don’t care


Similar Part No. - SL4518B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4516B SLS-SL4516B Datasheet
66Kb / 6P
Presettable Up/Down Counter
SL4516BD SLS-SL4516BD Datasheet
66Kb / 6P
Presettable Up/Down Counter
SL4516BN SLS-SL4516BN Datasheet
66Kb / 6P
Presettable Up/Down Counter
More results

Similar Description - SL4518B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP Datasheet
291Kb / 8P
DUAL BINARY UP COUNTER
logo
System Logic Semiconduc...
SL4520B SLS-SL4520B Datasheet
51Kb / 5P
Dual Up-Counter
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
Dual BCD Up Counter, Dual Binary Up Counter
logo
List of Unclassifed Man...
IW4518 ETC-IW4518 Datasheet
229Kb / 5P
Dual Up-Counter
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
DUAL BINARY UP COUNTER
Oct-2002
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
DUAL BCD UP COUNTER
Oct-2002
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP_07 Datasheet
470Kb / 11P
Dual Binary Up Counter
logo
Estek Electronics Co. L...
IW4520B ESTEK-IW4520B Datasheet
164Kb / 6P
Dual Binary Up-Counter consists two identical
logo
Renesas Technology Corp
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
Synchronous Up / Down Decade Counter (dual clock lines)
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
Up/Down Counter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com