Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3421 Datasheet(PDF) 52 Page - ams AG

Part # AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Datasheet(HTML) 52 Page - ams AG

Back Button AS3421 Datasheet HTML 48Page - ams AG AS3421 Datasheet HTML 49Page - ams AG AS3421 Datasheet HTML 50Page - ams AG AS3421 Datasheet HTML 51Page - ams AG AS3421 Datasheet HTML 52Page - ams AG AS3421 Datasheet HTML 53Page - ams AG AS3421 Datasheet HTML 54Page - ams AG AS3421 Datasheet HTML 55Page - ams AG AS3421 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
52 - 61
AS3421 AS3422
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
11.3 Layout Recommendation
Whereever you have audio circuits mixed with power management layout of the blocks is a critical issue. The AS3421/22 has an integrated
charge pump which operates at a frequency of 1Mhz. If the layout of the PCB is not done properly the charge pump can directly influence the
audio performance of the device. Therefore it is very important to make sure that the layout of the charge pump is done properly.
The layout recommendation shown in Figure 43 below shows an example placement of the components of the charge pump. The reference
designators of the components used in the example refer to the schematic shown in Figure 37. It can be seen clearly that the ground pins of all
capacitors as well as the ground pin of AS3422 are placed closely. This compact placement of the components help to minimize high frequency
cross over currents all over the PCB and therefore helps to improve the audio quality. A dedicated ground plane on the top (red) layer minimizes
the resistance between the ground pads of the components. The ground plane (GND) is then connected to the analog ground (AGND) at a single
point which is indicated with three vias in the example.
Figure 43. AS3422 CP Layout Recommendation
If the physical alignment of the components allows it, it is also recommended to connect the charge pump ground plane on top layer directly to
the battery ground terminal of your device. The analogue- (AGND) and charge pump ground plane (GND) are then connected together directly at
the battery terminal. This concept is also know as star shaped ground concept shown in Figure 44 below.
Figure 44. AS3422 Star Shaped Ground Concept
IA connection to analog
round plane (AGND)
Charge pump ground (GND) and
analog ground (AGND) are
directly connected together at
negative battery terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com