Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74ACT11191DBLE Datasheet(PDF) 6 Page - Texas Instruments

Part # 74ACT11191DBLE
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11191DBLE Datasheet(HTML) 6 Page - Texas Instruments

  74ACT11191DBLE Datasheet HTML 1Page - Texas Instruments 74ACT11191DBLE Datasheet HTML 2Page - Texas Instruments 74ACT11191DBLE Datasheet HTML 3Page - Texas Instruments 74ACT11191DBLE Datasheet HTML 4Page - Texas Instruments 74ACT11191DBLE Datasheet HTML 5Page - Texas Instruments 74ACT11191DBLE Datasheet HTML 6Page - Texas Instruments 74ACT11191DBLE Datasheet HTML 7Page - Texas Instruments 74ACT11191DBLE Datasheet HTML 8Page - Texas Instruments 74ACT11191DBLE Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74ACT11191
SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTER
SCAS106A − D3455, FEBRUARY 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−6
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
65
0
65
MHz
tw
Pulse duration
LOAD low
4
4
ns
tw
Pulse duration
CLK high or low
7.7
7.7
ns
Data before LOAD
3
3
tsu
Setup time
CTEN before CLK
7.5
7.5
ns
tsu
Setup time
D/U before CLK
8.5
8.5
ns
LOAD inactive before CLK
2
2
Data after LOAD
2.5
2.5
th
Hold time
CTEN after CLK
1.5
1.5
ns
th
Hold time
D/U after CLK
0.5
0.5
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
65
95
65
MHz
tPLH
LOAD
Any Q
4
7.6
10.8
4
12.2
ns
tPHL
LOAD
Any Q
3.8
7.4
10.5
3.8
11.9
ns
tPLH
LOAD
MAX/MIN
5.2
9.7
13.9
5.2
15.8
ns
tPHL
LOAD
MAX/MIN
4.7
9.5
13.6
4.7
15.4
ns
tPLH
LOAD
RCO
5.4
10.5
15.1
5.4
17.1
ns
tPHL
LOAD
RCO
5.8
11
15.7
5.8
17.9
ns
tPLH
A, B, C, or D
Any Q
4.5
7.6
10.1
4.5
11.6
ns
tPHL
A, B, C, or D
Any Q
3.7
7.1
10.3
3.7
11.7
ns
tPLH
A, B, C, or D
MAX/MIN
5.1
9.5
13.6
5.1
15.4
ns
tPHL
A, B, C, or D
MAX/MIN
4.7
9.2
13.4
4.7
15.2
ns
tPLH
A, B, C, or D
RCO
5.5
10.3
14.8
5.5
17.2
ns
tPHL
A, B, C, or D
RCO
5.9
10.9
15.5
5.9
18
ns
tPLH
CLK
RCO
4.4
7.4
9.5
4.4
11
ns
tPHL
CLK
RCO
3.5
6.7
9.5
3.5
10.8
ns
tPLH
CLK
Any Q
3.6
6.7
9.2
3.6
10.4
ns
tPHL
CLK
Any Q
4.2
7.1
9.4
4.2
10.8
ns
tPLH
CLK
MAX/MIN
5
8
10.3
5
11.7
ns
tPHL
CLK
MAX/MIN
5.3
8.6
11.5
5.3
13.1
ns
tPLH
D/U
RCO
4.4
8.4
11.7
4.4
13.1
ns
tPHL
D/U
RCO
4.2
8.8
11.3
4.2
13
ns
tPLH
D/U
MAX/MIN
3.2
6.9
9.6
3.2
11
ns
tPHL
D/U
MAX/MIN
3.6
7.2
10.3
3.6
11.6
ns
tPLH
CTEN
RCO
3.9
6.4
8.2
3.9
9.2
ns
tPHL
CTEN
RCO
2.8
6
8.4
2.8
9.5
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com