Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC4046 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # HC4046
Description  Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC4046 Datasheet(HTML) 4 Page - System Logic Semiconductor

  HC4046 Datasheet HTML 1Page - System Logic Semiconductor HC4046 Datasheet HTML 2Page - System Logic Semiconductor HC4046 Datasheet HTML 3Page - System Logic Semiconductor HC4046 Datasheet HTML 4Page - System Logic Semiconductor HC4046 Datasheet HTML 5Page - System Logic Semiconductor HC4046 Datasheet HTML 6Page - System Logic Semiconductor HC4046 Datasheet HTML 7Page - System Logic Semiconductor HC4046 Datasheet HTML 8Page - System Logic Semiconductor HC4046 Datasheet HTML 9Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SL74HC4046
System Logic
Semiconductor
SLS
[Phase Comparator Section]
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, SIGIN/COMPIN to
PC1OUT (Figure 1)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tPLH, tPHL
Maximum Propagation Delay, SIGIN/COMPIN to
PCPOUT (Figure 1)
2.0
4.5
6.0
340
68
58
425
85
72
510
102
87
ns
tPLH, tPHL
Maximum Propagation Delay , SIGIN/COMPIN to
PC3OUT (Figure 1)
2.0
4.5
6.0
270
54
46
340
68
58
405
81
69
ns
tPLZ, tPHZ
Maximum Propagation Delay , SIGIN/COMPIN
Output Disable Time to PC2OUT
(Figures 2 and 3)
2.0
4.5
6.0
200
40
34
250
50
43
300
60
51
ns
tPZL, tPZH
Maximum Propagation Delay , SIGIN/COMPIN
Output Enable Time to PC2OUT
(Figures 2 and 3)
2.0
4.5
6.0
230
46
39
290
58
49
345
69
59
ns
tTLH, tTHL
Maximum Output Transition Time (Figure 1)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
[VCO Section]
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C to-55°C
≤85°C
≤125°C
Unit
VIH
Minimum High-Level
Input Voltage INH
VOUT= 0.1 V or
VCC-0.1 V
I
OUT
≤ 20 µA
3.0
4.5
6.0
2.1
3.15
4.2
2.1
3.15
4.2
2.1
3.15
4.2
V
VIL
Maximum Low -Level
Input Voltage INH
VOUT=0.1 V or VCC-
0.1 V
I
OUT
 ≤ 20 µA
3.0
4.5
6.0
0.90
1.35
1.8
0.90
1.35
1.8
0.90
1.35
1.8
V
VOH
Minimum High-Level
Output Voltage
VCOOUT
VIN=VIH or VIL
I
OUT
 ≤ 20 µA
3.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN= VIH or VIL
I
OUT
 ≤ 4.0 mA
I
OUT
 ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-Level
Output Voltage
VCOOUT
VIN=VIH or VIL
I
OUT
 ≤ 20 µA
3.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN= VIH or VIL
I
OUT
 ≤ 4.0 mA
I
OUT
 ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com