Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD49150PT08R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD49150PT08R
Description  1.5 A very low drop for low output voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49150PT08R Datasheet(HTML) 1 Page - STMicroelectronics

  LD49150PT08R Datasheet HTML 1Page - STMicroelectronics LD49150PT08R Datasheet HTML 2Page - STMicroelectronics LD49150PT08R Datasheet HTML 3Page - STMicroelectronics LD49150PT08R Datasheet HTML 4Page - STMicroelectronics LD49150PT08R Datasheet HTML 5Page - STMicroelectronics LD49150PT08R Datasheet HTML 6Page - STMicroelectronics LD49150PT08R Datasheet HTML 7Page - STMicroelectronics LD49150PT08R Datasheet HTML 8Page - STMicroelectronics LD49150PT08R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
June 2010
Doc ID 13446 Rev 3
1/22
22
LD49150XX08
LD49150XX10, LD49150XX12
1.5 A very low drop for low output voltage regulator
Features
■ Input voltage range:
–VI = 1.4 V to 5.5 V
–VBIAS = 3 V to 6 V
■ Stable with ceramic capacitor
■ ±1.5 % initial tolerance
■ Maximum dropout voltage (VI - VO) of 200 mV
over temperature
■ Adjustable output voltage down to 0.8 V
■ Ultra fast transient response (up to 10 MHz
bandwidth)
■ Excellent line and load regulation
specifications
■ Logic controlled shutdown option
■ Thermal shutdown and current limit protection
■ Junction temperature range: - 25 °C to 125 °C
Applications
■ Graphics processors
■ PC add-in cards
■ Microprocessor core voltage supply
■ Low voltage digital ICs
■ High efficiency linear power supplies
■ SMPS post regulators
Description
The LD49150xx is a high-bandwidth, low-dropout,
1.5 A voltage regulator, ideal for powering core
voltages of low-power microprocessors. The
LD49150xx implements a dual supply
configuration allowing for very low output
impedance and very fast transient response. The
LD49150xx requires a bias input supply and a
main input supply, allowing for ultra-low input
voltages on the main supply rail. The input supply
operates from 1.4 V to 5.5 V and the bias supply
requires between 3 V and 6 V for proper
operation. The LD49150xx offers fixed output
voltages from 0.8 V to 1.8 V and adjustable output
voltages down to 0.8 V. The LD49150xx requires a
minimum output capacitance for stability, and
work optimally with small ceramic capacitors.
PPAK
DFN6 (3x3 mm)
Table 1.
Device summary
Order codes
Output voltages
PPAK (tape and reel)
DFN6 (tape and reel) (1)
LD49150PT08R
0.8 V (2)
LD49150PT10R
LD49150PU10R
1.0 V
LD49150PT12R
LD49150PU12R
1.2 V
1.
Available on request.
2.
Adjustable version.
www.st.com


Similar Part No. - LD49150PT08R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD49150PT08R STMICROELECTRONICS-LD49150PT08R Datasheet
609Kb / 20P
1.5A Very low drop for low output voltage regulator
18-Apr-2007
More results

Similar Description - LD49150PT08R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
LD49300 STMICROELECTRONICS-LD49300 Datasheet
561Kb / 20P
3A Very low drop for low output voltage regulator
01-Dec-2006
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
1.5A Very low drop for low output voltage regulator
18-Apr-2007
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LDF STMICROELECTRONICS-LDF Datasheet
1Mb / 33P
1 A very low drop voltage regulator
12-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com