Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD39115J15R Datasheet(PDF) 18 Page - STMicroelectronics

Part # LD39115J15R
Description  150 mA low quiescent current low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J15R Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LD39115J15R Datasheet HTML 14Page - STMicroelectronics LD39115J15R Datasheet HTML 15Page - STMicroelectronics LD39115J15R Datasheet HTML 16Page - STMicroelectronics LD39115J15R Datasheet HTML 17Page - STMicroelectronics LD39115J15R Datasheet HTML 18Page - STMicroelectronics LD39115J15R Datasheet HTML 19Page - STMicroelectronics LD39115J15R Datasheet HTML 20Page - STMicroelectronics LD39115J15R Datasheet HTML 21Page - STMicroelectronics LD39115J15R Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Package mechanical data
LD39115Jxx
18/23
Doc ID 15527 Rev 5
Dim.
mm.
Min.
Typ.
Max.
A
0.52
0.56
0.60
A1
0.17
0.20
0.23
A2
0.350.360.37
b
0.23
0.25
0.29
D
0.758
0.788
0.818
D1
0.4
E
0.758
0.788
0.818
E1
0.4
SD
0.18
0.2
0.22
SE
0.18
0.2
0.22
f0.199
ccc
0.075
Flip-chip 4 mechanical data
7504896/M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com