Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OSD100 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # OSD100
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

OSD100 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  OSD100 Datasheet HTML 1Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 2Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 3Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 4Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 5Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 6Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 7Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 8Page - Cooper Bussmann, Inc. OSD100 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Offset Bolted Tags
240 - 550V ac / 2 - 32A
Specifications
Description: Fuse Links for general industrial applications
with Q1 fusing factor - general purpose (gG) and motor
protection (gM) characteristics
Applications:
General Industrial & Motors applications
NITD
550V ac (gG) / 2 - 32A
415V ac (gM)
Industrial & Motor Applications to BS88
Ratings:
Agency information:
Meets BS88: Part 1 & 2 (1988),
IEC 269: Parts 1 (1986)
RoHS Compliant
AAO
550V ac / 2 - 32A
Rating (A)
Catalogue
Number
Class BS Ref
Fixing
Centres mm
Unit
Packing
2
NITD2
gG
A1
44
20
4
NITD4
6
NITD6
10
NITD10
16
NITD16
20
NITD20
25
NITD25
32
NITD32
20M25
NITD20M25
gM
20M32
NITD20M32
32M40
NITD32M40
32M50
NITD32M50
32M63
NITD32M63
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
NITD
55.0
44
34.6
11.2
13.8
0.8
14.0
NITD32M
35.6
17.5
1.2
18.5
Dimensions
Part
No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
AAO
85
73
35.5
13.7
14
1.2
8.7
8.0
5.5
AAO32M
54.5
21
22.3
Catalogue Numbers
Rating
(A)
Catalogue
Number
Class BS Ref
Fixing
Centres mm
Unit
Packing
2
AAO2
gG
A2
73
20
4
AAO4
6
AAO6
10
AAO10
16
AAO16
20
AAO20
25
AAO25
32
AAO32
32M40
AAO32M40
gM
32M50
AAO32M50
32M63
AAO32M63
Fuseholders: CAMASTER CM32FC, see page 20
Dimensions
Fuseholders: CAMASTER CM32F, see page 20
Volts: - 415 - 550V ac
Amps: - 2 - 32A
IR - 80kA @ 415/550V ac
Catalogue Numbers
Data Sheet: 4106
Data Sheet: 4109
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com