Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CMA2425 Datasheet(PDF) 7 Page - Crydom Inc.,

Part # CMA2425
Description  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CMA2425 Datasheet(HTML) 7 Page - Crydom Inc.,

Back Button CMA2425 Datasheet HTML 3Page - Crydom Inc., CMA2425 Datasheet HTML 4Page - Crydom Inc., CMA2425 Datasheet HTML 5Page - Crydom Inc., CMA2425 Datasheet HTML 6Page - Crydom Inc., CMA2425 Datasheet HTML 7Page - Crydom Inc., CMA2425 Datasheet HTML 8Page - Crydom Inc., CMA2425 Datasheet HTML 9Page - Crydom Inc., CMA2425 Datasheet HTML 10Page - Crydom Inc., CMA2425 Datasheet HTML 11Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PF
Up to 25Amp
120/240/380/480/600 Vac
SCR AC Switch Output
Ultra High Steady State Current Rating
US Patent No. 5,134,094
Crydom’s PowerFin Series delivers the highest ratings of any single in-line
package (SIP). With Crydom’s integral heat sink design you can run 25 amps RMS
in forced air at 85˚C case temp. With natural convection in free air, it rates 10
amps RMS at 25˚C ambient. Built-in advantages include Surface Mount
Technology, low off-state leakage and SCR AC switch output.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current@
Release
Current
Range
Range**
Range
5/24Vrms
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
PF240D25
12-280 .06-25
3-15
15
1.0
250
UL, cUL, VDE
PF240D25R* 12-280 .06-25
3-15
15
1.0
250
UL, cUL, VDE
PFE240D25
12-280 .06-25
15-32
15
1.0
250
UL, cUL, VDE
PFE240D25R* 12-280 .06-25
15-32
15
1.0
250
UL, cUL, VDE
PF380D25
48-530 .06-25
4-15
15
1.0
250
UL, cUL, VDE
PF380D25R* 48-530 .06-25
4-15
15
1.0
250
UL, cUL, VDE
PFE380D25
48-530 .06-25
15-32
15
1.0
250
UL, cUL, VDE
PFE380D25R* 48-530 .06-25
15-32
15
1.0
250
UL, cUL, VDE
PF480D25
48-660 .06-25
4-15
15
1.0
250
UL, cUL
PF480D25R* 48-660 .06-25
4-15
15
1.0
250
UL, cUL
PFE480D25
48-660 .06-25
15-32
15
1.0
250
UL, cUL
PFE480D25R* 48-660 .06-25
15-32
15
1.0
250
UL, cUL
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current @ Release
Current
Range
Range**
Range
120/24Vrms Voltage
1-Cycle
Vrms
Arms
Vrms
mA
Vrms
Apk
PF240A25
12-280 .06-25
90-140
10
10.0
250
UL, cUL
PF240A25R* 12-280 .06-25
90-140
10
10.0
250
UL, cUL
PFE240A25
12-280 .06-25
18-36
10
2.0
250
UL, cUL
PFE240A25R* 12-280 .06-25
18-36
10
2.0
250
UL, cUL
* R suffix denotes random turn-on. **Forced Air, .06-10 in convection air.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 4000 Vrms
PCB Mount Solid State Relays
PCB Mount SSRs - DC Output
DO, DMO
1-3Amp
60 Vdc
DC Mini-SIP
DC Control
Bipolar or MOSFET Output
SPST-NO DC output relays in epoxy-coated packages utilize the popular .10" grid
lead spacing. They are available with either bipolar transistor output (DO), or the
DMO063 with MOSFET output is rated at 3A/60 VDC.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1 Sec
Vdc
Adc
Vdc
mA
Vdc
Adc
DO061A
3-60
.02-1.0
3-9
15
1.0
5.0
DO061B
3-60
.02-1.0
1.7-9
15
0.8
5.0
DMO063
0-60
0-3.0
3-10
20
1.0
12 (@ 10msec)
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms, 4000 Vrms (DO)
Normally closed (Form B) versions available for DO series (-B suffix)
CMX
3-20Amp
60/100/200 Vdc
DC SIP, MOSFET Output
Extra Low On-state Resistance
US Patent No. 5,134,094
DC output SPST-NO solid state relays use MOSFET output for high switching
capabilities in a PC-mount air-cooled package. Pinouts are compatible with
Series 6 and ODC type I/O modules.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
10 ms
Vdc
Adc
Vdc
mA
Vdc
Adc
CMX60D5
0-60
0-5
3-10
15
1.0
60
CMX60D10 0-60
0-10
3-10
15
1.0
100
UL, cUL
CMX60D20 0-60
0-20
3-10
15
1.0
200
CMX100D6 0-100
0-6
3-10
15
1.0
100
UL, cUL
CMX200D3 0-200
0-3
4-10
15
1.0
30
UL, cUL
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms
MPDCD3
3Amp
60 Vdc
DC Output SIP
5, 15 & 24 Volt Logic System Compatible
A SPST-NO PC-mount relay that provide greater packaging density and
compatibility with pinout of Series 6 and ODC output modules.
Line
Load
Control
Control
Must
Surge
Voltage
Current
Voltage
Current
Release
Current
Range
Range
Range
@ 5Vdc
Voltage
1 sec.
Vdc
Adc
Vdc
mA
Vdc
Adc
MPDCD3
3-60
.02-3
3-32
2.6
1.0
5.0
UL, cUL
Operating Temperature Range: -40˚C to 80˚C Isolation Voltage: 4000 Vrms
ASPF
3Amp
120/240 Vac
AC Mini-SIP, Integral Heat Sink
SCR AC Switch Output
US Patent No. 5,134,094
The ASPF Series delivers high ratings in a single in-line package (SIP). Crydom’s
patented PowerFIN™ integral heat sink design makes for a cool package with high
ratings. With natural convection in free air, it rates 3 Arms at 45˚C ambient.
Line
Load
Control
Control
Must
Surge
Voltage Current
Voltage
Current
Release
Current
Range
Range
Range
@5Vdc
Voltage
1-Cycle
Vrms
Arms
Vdc
mA
Vdc
Apk
ASPF240D3
24-280 .1-3
4-10
15
1.0
40
UL, CSA
ASPF240D3R* 24-280 .1-3
4-10
15
1.0
40
UL, CSA
* R suffix denotes random turn-on.
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 3750 Vrms
SPF
Up to 25Amp
120/240/380/480/600 Vac
SCR AC Switch Output
Ultra High Steady State Current Rating
Works in both the vertical en horizontal
orientation. US Patent No. 5,134,094
The SPF is identical to the PF products in specifications and performance, the
only difference is the package configuration. The SPF utilizes a low profile integral
heat sink that provides decreased package width for higher density applications.
To order the SPF configuration simply add the “S” prefix to any of the above PF
model numbers. All SPF and SPFE models are UL and cUL approved.
SPA
1Amp
120/240 Vac
AC Mini-SIP, Zero Cross Turn-On
SCR AC Switch Output
US Patent No. 5,134,094
The SPA package is perfect for high density printed circuit boards. Typical
applications include: pumps, gaming, vending machines, security systems,
medical equipment and appliances.
Line
Load
Control
Must
Must
Surge
Voltage
Current
Current
Operate
Release
Current
Range
Range
Range
Current
Current
1-Cycle
Vrms
Arms
mA
mA
mA
Apk
SPA4191
20-140
.025-1.0 10-35
10
1.0
30
SPA6191
20-280
.025-1.0 10-35
10
1.0
30
Operating Temperature Range: -30˚C to 80˚C Isolation Voltage: 2500 Vrms
7
Other Crydom products and competitive part number cross-reference available at: www.crydom.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com