Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSL2108 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL2108
Description  GreenChip controller for LED lighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2108 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL2108 Datasheet HTML 2Page - NXP Semiconductors SSL2108 Datasheet HTML 3Page - NXP Semiconductors SSL2108 Datasheet HTML 4Page - NXP Semiconductors SSL2108 Datasheet HTML 5Page - NXP Semiconductors SSL2108 Datasheet HTML 6Page - NXP Semiconductors SSL2108 Datasheet HTML 7Page - NXP Semiconductors SSL2108 Datasheet HTML 8Page - NXP Semiconductors SSL2108 Datasheet HTML 9Page - NXP Semiconductors SSL2108 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SSL2109_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
6 of 20
NXP Semiconductors
SSL2109 series
GreenChip controller for LED lighting
8.
Functional description
8.1 Introduction
The SSL2109 series is a range of products for small form factor retrofit SSL lamps and
separate LED drivers.
8.2 Converter operation
The converter in the SSL2109 series is a Boundary Conduction Mode (BCM), peak
current controlled system. For the basic application diagram see Figure 4, for the
waveforms see Figure 5. This converter type operates at the boundary between
continuous and discontinuous mode. Energy is stored in inductor L each period that the
switch is on. The inductor current IL is zero when the MOSFET is switched on. Thereafter,
the amplitude of the current build-up in L is proportional to VIN
−VOUT and the time that the
MOSFET switch is on. When the MOSFET switch is switched off, the current continues to
flow through the freewheel diode and the output capacitor. The current then falls at a rate
proportional to the value of VOUT. The LED current ILED is almost equal to half the peak
switch current. A new cycle is started, as soon as the inductor current IL is zero.
8.3 Conversion frequency
The conversion frequency must be limited to below 200 kHz. Therefore, select an
inductance value so that the conversion frequency is always within limits, given the supply
voltage, LED voltage and component spread.
8.4 Driver pin
The SSL2109 series is equipped with an external driver that can control an external
switch. The voltage on the driver output pin is increased towards Vo(DRIVER)max to open the
switch during the first cycle (t0 to t1). The voltage on the driver output pin is pulled down
towards Vo(DRIVER)min from the start of the secondary stroke until the next cycle starts (t0 to
t00). During transition from low to high and back, there is a controlled switching slope
steepness. This controlled condition limits the high frequency radiation from the circuit to
the surrounding area.
Fig 4.
Basic application diagram SSL2109 series
SSL2109
HV
DVDT
VCC
DRAIN
NTC
DRIVER
GND
NTC
LEDs
SOURCE
aaa-001743
1
2
3
7
5
4
6
8
Rinrush
Rsense
Vsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com