Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP7952X Datasheet(PDF) 1 Page - Micro Analog systems

Part # MCP7952X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7952X Datasheet(HTML) 1 Page - Micro Analog systems

  MCP7952X Datasheet HTML 1Page - Micro Analog systems MCP7952X Datasheet HTML 2Page - Micro Analog systems MCP7952X Datasheet HTML 3Page - Micro Analog systems MCP7952X Datasheet HTML 4Page - Micro Analog systems MCP7952X Datasheet HTML 5Page - Micro Analog systems MCP7952X Datasheet HTML 6Page - Micro Analog systems MCP7952X Datasheet HTML 7Page - Micro Analog systems MCP7952X Datasheet HTML 8Page - Micro Analog systems MCP7952X Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22300A-page 1
MCP7952X/MCP7951X
Device Selection Table
Timekeeping Features:
• Real-Time Clock/Calendar:
- Hours, Minutes, Seconds, Hundredth of
Seconds, Day of Week, Month, Year, Leap
Year
• Crystal Oscillator requires External 32,768 kHz
Tuning Fork Crystal and Load Capacitors.
• Clock Out Function:
- 1Hz, 4.096 kHz, 8.192 kHz, 32.768 kHz
• 2 Programmable Alarms
• Programmable open drain output – Alarm or
Interrupt
• On-Chip Digital Trimming/Calibration:
- +/- 255 PPM range in 1 PPM steps
• Power-Fail Time-Stamp @ Battery Switchover:
- Logs time when VCC fails and VCC is restored
Low-Power Features:
• Wide Operating Voltage:
-VCC: 1.8V to 3.6V
-VBAT: 1.3V to 3.6V
• Low Operating Current:
-VCC Standby Current < 1uA @ 3V
-VBAT Timekeeping Current: <700nA @ 1.8V
• Automatic Battery Switchover from VCC to VBAT:
- Backup power for timekeeping and SRAM
retention
User Memory:
• 64-Byte Battery-Backed SRAM
• 2 Kbit and 1 Kbit EEPROM Memory:
- Software block write-protect (¼, ½, or entire
array)
- Write Page mode (up to 8 bytes)
- Endurance: 1M erase/write cycles
• 128-Bit Unique ID in Protected Area of EEPROM:
- Available blank or preprogrammed
- EUI-48™ or EUI-64™ MAC address
- Unlock sequence for user programming
Operating Ranges:
• SPI Clock Speed up to 5 MHz
• Operating Temperature Ranges:
- Industrial (I Temp): -40°C to +85°C.
• Packages include 10-Lead MSOP and TDFN
Package Types (not to scale)
Part Number
SRAM
(Bytes)
EEPROM
(Kbits)
Unique ID
MCP79520
64
2
Blank
MCP79510
64
1
Blank
MCP79521
64
2
EUI-48
MCP79511
64
1
EUI-48
MCP79522
64
2
EUI-64
MCP79512
64
1
EUI-64
X1
X2
VBAT
Vcc
MFP
1
2
3
4
MSOP/TDFN
CS
VSS
SCK
SO
SI
5
6
7
10
9
8
Note:
MCP795XX is used in this document as a
generic part number for the MCP7951X,
MCP7952X devices.
3V SPI Real-Time Clock Calendar with Battery Switchover


Similar Part No. - MCP7952X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7952X MICROCHIP-MCP7952X Datasheet
899Kb / 58P
Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
More results

Similar Description - MCP7952X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
SPI Real-Time Clock Calendar
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
Serial SPI bus real-time clock with battery switchover
12-Oct-2011
logo
Microchip Technology
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
MCP79400 MICROCHIP-MCP79400_13 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com