Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F0DISCOVERY Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F0DISCOVERY
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 6Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 7Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 8Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 9Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 10Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 11Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 12Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 13Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Hardware and layout
UM1525
10/41
Doc ID 022910 Rev 2
Figure 3.
Top layout
MS30024V1
(red/green LED) LD2
COM
CN3
SWD connector
IDD measurement
ST-LINK/V2
B1 user button
B2 reset button
LD1 (red LED)
PWR
CN2
ST-LINK/DISCOVERY
selector
(green LED) LD3
LD4 (blue LED)
STM32F051R8T6
JP2
5V power supply
input output
3V power supply
input output
SB1 (VBAT)
SB3 (B1-USER)
SB4 (B2-RESET)
Note:
Pin 1 of CN2, CN3, P1 and P2 connectors are identified by a square.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com