Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TNETX3151PGV Datasheet(PDF) 60 Page - Texas Instruments

Part # TNETX3151PGV
Description  ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3151PGV Datasheet(HTML) 60 Page - Texas Instruments

Back Button TNETX3151PGV Datasheet HTML 56Page - Texas Instruments TNETX3151PGV Datasheet HTML 57Page - Texas Instruments TNETX3151PGV Datasheet HTML 58Page - Texas Instruments TNETX3151PGV Datasheet HTML 59Page - Texas Instruments TNETX3151PGV Datasheet HTML 60Page - Texas Instruments TNETX3151PGV Datasheet HTML 61Page - Texas Instruments TNETX3151PGV Datasheet HTML 62Page - Texas Instruments TNETX3151PGV Datasheet HTML 63Page - Texas Instruments TNETX3151PGV Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
TNETX3151
ThunderSWITCH
™ 12/3 ETHERNET™ SWITCH
WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS048A – MARCH 1998 – REVISED APRIL 1999
60
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
EEPROM interface
operating characteristics over recommended operating conditions (see Figure 20)
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fclock (ECLK)
Clock frequency, ECLK
98
98
kHz
1
td (ECLKH–EDIOL)
Delay time, from ECLK
↑ to EDIO↓ (see Note 9)
5
5
µs
2
td (EDIOL–ECLKL)
Delay time, from EDIO
↓ to ECLK↓ (see Note 9)
5
5
µs
3
td (ECLKL–EDIOX)
Delay time, from ECLK
↓ to EDIO changing (see Note 10)
0
0
µs
4
td (EDIOV–ECLKH)
Delay time, from EDIO valid output to ECLK
0
0
µs
5
td (ECLKL–EDIOV)
Delay time, from ECLK
↓ to EDIO valid
0
0
µs
6
td (ECLKL–EDIOX)
Delay time, from ECLK
↓ to EDIO changing (see Note 11)
0
0
µs
7
td (ECLKH–EDIOX)
Delay time, from ECLK
↑ to EDIO invalid
5
5
µs
8
td (EDIOV–ECLKH)
Delay time, from EDIO valid input to ECLK
10
10
µs
NOTES:
9. This is a start condition delay time during ECLK high.
10. This is a changing-data condition delay time for output EDIO.
11. This is a changing-data condition delay time for input EDIO.
7
ECLK
(output)
EDIO
(output)
EDIO
(input)
1
6
4
8
Valid
Valid
Valid
Valid
5
23
Figure 20. EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com