Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1250 Datasheet(PDF) 9 Page - Microchip Technology

Part # AN1250
Description  Microchip CTMU for Capacitive Touch Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1250 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AN1250 Datasheet HTML 5Page - Microchip Technology AN1250 Datasheet HTML 6Page - Microchip Technology AN1250 Datasheet HTML 7Page - Microchip Technology AN1250 Datasheet HTML 8Page - Microchip Technology AN1250 Datasheet HTML 9Page - Microchip Technology AN1250 Datasheet HTML 10Page - Microchip Technology AN1250 Datasheet HTML 11Page - Microchip Technology AN1250 Datasheet HTML 12Page - Microchip Technology AN1250 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2009 Microchip Technology Inc.
DS01250A-page 9
AN1250
IMPLEMENTATIONS OF SPECIAL
PURPOSE CAPACITIVE TOUCH
This section describes some of the special handling of
the data that is available from reading the capacitive
touch sensors using the CTMU. The following topics
are covered:
• Software algorithms for reliable touch operation
• Software algorithms for special purpose
capacitive touch sensor implementations
• Physical board properties for optimal capacitive
touch sensors
Software Algorithms for Reliable Touch
Operation
There are several software methods used to combat
problems with false sensing of capacitive touch sens-
ing circuits. The following software algorithms are used
not only in the PICDEM Touch Sense 2 Demo Board,
but throughout all of the capacitive touch solutions
offered by Microchip.
• First method – This is to use a slow averaging
routine. This is implemented by simply adding the
value read for any capacitive touch sensor circuit
into a running average. The key to this method is
that a value is only added to the average at a rate
much slower than the actual rate that the
capacitive touch sensor is being read. On the
PICDEM Touch Sense 2 Demo Board, for
example, the average is only updated on every
16th read of the capacitive sensor channel. Since
the update rate is 16 ms, the slower moving
average value is updated at a rate of 256 ms. This
slower moving value is then compared to the
immediate value. If the immediate value varies by
more than what has been established for the trip
point for that capacitive sensor, the sensor is
determined to be “pressed”, or touched. For more
information on the method of slow averaging,
refer to the specific averaging section in AN1103,
“Software Handling for Capacitive Sensing”.
• Second method – This is a debouncing routine.
This algorithm is very similar to that used for
debouncing of mechanical switches. In the case of
capacitive sensors, the debouncing acts as a noise
filtering mechanism. Since noise by definition is
non-periodic, it should not occur repetitively in
multiple sequential scans of a capacitive sensor
channel. Figure 4 provides the routine setup for
both a pressed and unpressed condition. It
requires three consecutive values of pressed or
unpressed before the actual state of the capacitive
touch sensor is ultimately determined. The value
can be changed to suit the application. It should be
noted that if a higher number is used, a slower
response time will be observed.
FIGURE 4:
DEBOUNCE ALGORITHM FLOWCHART
Enter
Read Sensor
Unpressed
No
Unpressed_Count
= 0
Yes
Pressed
Yes
No
No
Yes
Exit
Sensor reading
pressed?
Pressed_Count
> = 3?
Pressed_Count ++
Unpressed_Count ++
Pressed_Count
= 0
Unpressed_Count
> = 3?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com