Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH487P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH487P
Description  GaAIAs-IR-Lumineszenzdiode (880 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH487P Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH487P Datasheet HTML 1Page - OSRAM GmbH SFH487P Datasheet HTML 2Page - OSRAM GmbH SFH487P Datasheet HTML 3Page - OSRAM GmbH SFH487P Datasheet HTML 4Page - OSRAM GmbH SFH487P Datasheet HTML 5Page - OSRAM GmbH SFH487P Datasheet HTML 6Page - OSRAM GmbH SFH487P Datasheet HTML 7Page - OSRAM GmbH SFH487P Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 487 P
GaAIAs-IR-Lumineszenzdiode (880 nm)
GaAIAs Infrared Emitter (880 nm)
Lead (Pb) Free Product - RoHS Compliant
2007-04-02
1
Wesentliche Merkmale
• GaAlAs-LED mit sehr hohem Wirkungsgrad
• Hohe Zuverlässigkeit
• Hohe Impulsbelastbarkeit
• Gute spektrale Anpassung an
Si-Fotoempfänger
• Gehäusegleich mit SFH 309
Anwendungen
• IR-Fernsteuerung von Fernseh-, Rundfunk-
und Videogeräten, Lichtdimmern
• Lichtschranken bis 500 kHz
• Münzzähler
• Sensorik
• Diskrete Optokoppler
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 487 P
Q62703Q0517
3-mm-LED-Gehäuse, plan, klares violettes Epoxy-Gie
β
harz, Anschlüsse im 2.54-mm-Raster (
1/10’’), Anodenkenn-
zeichnung: kürzerer Anschlu
β
3 mm LED package (T 1), plane, violet-colored transparent
epoxy resin, solder tabs lead spacing 2.54 mm (
1/10’’), an-
ode marking: short lead
Features
• Very highly efficient GaAlAs-LED
• High reliability
• High pulse handling capability
• Good spectral match to silicon photodetectors
• Same package as SFH 309
Applications
• IR remote control for hifi and TV sets, video
tape recorder, dimmers
• Light-reflection switches (max. 500 kHz)
• Coin counters
• Sensor technology
• Discrete optocouplers


Similar Part No. - SFH487P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487P-1 SIEMENS-SFH487P-1 Datasheet
147Kb / 2P
GaAlAs INFRARED EMITTER
SFH487P-2 SIEMENS-SFH487P-2 Datasheet
147Kb / 2P
GaAlAs INFRARED EMITTER
More results

Similar Description - SFH487P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH485P SIEMENS-SFH485P Datasheet
45Kb / 4P
GaAIAs Infrared Emitter (880 nm)
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487 SIEMENS-SFH487 Datasheet
42Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880nm GaAIAs Infrared Emitter 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com