Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH4243 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4243
Description  IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4243 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4243 Datasheet HTML 2Page - OSRAM GmbH SFH4243 Datasheet HTML 3Page - OSRAM GmbH SFH4243 Datasheet HTML 4Page - OSRAM GmbH SFH4243 Datasheet HTML 5Page - OSRAM GmbH SFH4243 Datasheet HTML 6Page - OSRAM GmbH SFH4243 Datasheet HTML 7Page - OSRAM GmbH SFH4243 Datasheet HTML 8Page - OSRAM GmbH SFH4243 Datasheet HTML 9Page - OSRAM GmbH SFH4243 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2009-08-25
6
SFH 4243
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Gehäuse / Package
TOPLED
®, klarer Verguss / TOPLED®, clear resin
Anschlussbelegung
Pin configuration
Kathode: abgeschrägte Ecke
Cathode: beveled edge
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com