Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH4730 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4730
Description  OSRAM OSTAR Observation (850nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4730 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4730 Datasheet HTML 1Page - OSRAM GmbH SFH4730 Datasheet HTML 2Page - OSRAM GmbH SFH4730 Datasheet HTML 3Page - OSRAM GmbH SFH4730 Datasheet HTML 4Page - OSRAM GmbH SFH4730 Datasheet HTML 5Page - OSRAM GmbH SFH4730 Datasheet HTML 6Page - OSRAM GmbH SFH4730 Datasheet HTML 7Page - OSRAM GmbH SFH4730 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SFH 4730, SFH 4740
2010-12-15
5
Relative spektrale Emission
Relative Spectral Emission
I
rel = f (λ), TB = 25 °C
Max. zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TB), RthJB = 2.8 K/W
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
I
rel
λ
140
100
80
60
40
20
˚C
0
T
B
100
0
200
400
300
500
700
600
800
F
I
900
mA
1100
OHF04318
Durchlassstrom
Forward Current
I
F = f (VF), TB = 25 °C,
Single pulse,
t
p = 100 μs
Zulässige Impulsbelastbarkeit
Permissible Pulse Handling
Capability
I
F = f (tp), TB = 85 °C,
Duty cycle
D = parameter
OHF04319
F
I
V
A
10
F
V
10
-1
5
10
0
5
10
1
10
-2
15
20
25
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF04317
T
t
P
I
F
0.5
0.33
0.1
0.2
0.05
0.005
0.01
0.02
D =
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.5
1
Relativer Gesamtstrahlungsfluss
Relative Total Radiant Flux
Φ
e/Φe(1A) = f (IF), TB = 25 °C,
Single pulse,
t
p = 100 μs
OHF03848
10
-3
A
10
1
0
10
5
5
10
-1
-2
5
10
I
F
10
10
0
10
1
10
55
-2
-1
Φ (1 A)
Φ
e
e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com