Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP4403 Datasheet(PDF) 2 Page - Stanson Technology

Part # STP4403
Description  STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP4403 Datasheet(HTML) 2 Page - Stanson Technology

  STP4403 Datasheet HTML 1Page - Stanson Technology STP4403 Datasheet HTML 2Page - Stanson Technology STP4403 Datasheet HTML 3Page - Stanson Technology STP4403 Datasheet HTML 4Page - Stanson Technology STP4403 Datasheet HTML 5Page - Stanson Technology STP4403 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STP
STP
STP
STP4403
4403
4403
4403
P Channel Enhancement Mode MOSFET
-
10.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STP4403 2010. V1
ABSOULTE
ABSOULTE
ABSOULTE
ABSOULTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Typical
Typical
Typical
Typical
Unit
Unit
Unit
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
TA=70℃
ID
-10.0
-8.0
A
Pulsed Drain Current
IDM
-30
A
Continuous Source Current (Diode Conduction)
IS
-2.3
A
Power Dissipation
TA=25℃
TA=70℃
PD
2.8
1.8
W
Operation Junction Temperature
TJ
-55/150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
70
℃/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com