Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP9510HT-E Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9510HT-E
Description  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510HT-E Datasheet(HTML) 4 Page - Microchip Technology

  MCP9510HT-E Datasheet HTML 1Page - Microchip Technology MCP9510HT-E Datasheet HTML 2Page - Microchip Technology MCP9510HT-E Datasheet HTML 3Page - Microchip Technology MCP9510HT-E Datasheet HTML 4Page - Microchip Technology MCP9510HT-E Datasheet HTML 5Page - Microchip Technology MCP9510HT-E Datasheet HTML 6Page - Microchip Technology MCP9510HT-E Datasheet HTML 7Page - Microchip Technology MCP9510HT-E Datasheet HTML 8Page - Microchip Technology MCP9510HT-E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LED Lighting Solutions Design Guide
www.microchip.com/lighting
LED Lighting Solutions
Driving LEDs with a Boost Regulator
A boost regulator topology is used when the output voltage
of the converter must be equal to or greater than the input
voltage. A boost regulator is useful for driving a chain of
LEDs connected in series. It is beneficial to drive multiple
LEDs in series. This ensures that all LEDs receive the same
amount of current and will have the same brightness level.
Using a coupled inductor in the boost circuit reducing the
switching voltage requirements of the MOSFET switch.
The MCP1640 synchronous boost regulator can provide
a stable operating voltage for an LED from a single cell
alkaline battery.
The MCP1650 Boost Regulator uses an external switch
so that it can be used for any type of load. An additional
advantage of the MCP1650 in battery applications is the
Gated Oscillator Architecture which provides 2 duty cycles
reducing high-peak inductor current and output ripple
voltages. Input voltages above 3.8V engage a 56% duty
cycle and an 80% duty cycle when the input voltage drops
below 3.8V, extending battery life in these applications.
Driving LEDs with a Charge Pump
A charge pump power supply does not have inductors that
are required in other SMPS topologies. This provides a
more compact and less expensive circuit. The downside is
that charge pumps cannot supply large amounts of current
compared to the other topologies. Charge pump circuits
are most useful for backlighting applications. Common
applications include PCs, LCD displays and automotive
instrumentation.
MCP1252 Charge Pump Backlight
Demonstration Board (MCP1252DM-BKLT)
Demonstrates the use of a charge
pump device in an LED application
and acts as a platform to evaluate
the MCP1252 device in general.
Light intensity is controlled
uniformly through the use of ballast
resistors. A PIC10F206 MCU
provides an enable signal to the MCP1252 and accepts a
push-button input that allows the white LEDs to be adjusted
to five different light intensities.
Literature on the Web
■ MCP1252/3 Data Sheet, DS21572
■ MCP1252 Charge Pump Backlight Demo Board
User’s Guide, DS51551
■ MCP1252/3 Evaluation Kit User’s Guide, DS51313
■ DG10 – Power Solutions Design Guide, DS21913
Charge Pump LED Driver Using the MCP1252
3
1
7
8
2
4
56
C-
FB
GND
PG
VIN
VOUT
C+
SHDN
Single
Li-Ion
Cen
PWM Brightness
Control
MCP1252-ADJ
VIN
0.9V to 1.7V
VOUT
3.3V @ 100 mA
COUT
10 μF
976 KΩ
562 KΩ
CIN
4.7 μF
L1
4.7 μH
VOUT
VFB
VIN
SW
EN
GND
MCP1640
MCP1640 Single Cell Synchronous Boost Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com