Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IN5821 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # IN5821
Description  MINIATURE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

IN5821 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  IN5821 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd IN5821 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-40V
3.0A
IN5820 THRU IN5822
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Low forward voltage
High current capability
Low leakage current
High surge capability
Low cost
Case:Molded plastic use UL 94V-0 recognized
Flame retardant epoxy
Terminals:Axial leads, solderable per
MIL-STD-202, method 208
Polarity:Color band denotes cathode
Mounting Position:Any
Maximum Recurrent Peak Reverse Voltage
Maximum Recurrent Peak Reverse Voltage
Ratings
Characteristics
Symbol
Symbol
VRRM
VRMS
VDC
VF
VF
IR
IO
IFSM
CJ
R JC
TSTG
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Blocking Voltage
Typical Thermal Resistance (Note 2)
Typical Junction Capacitance (Note 3)
Storage and Operating Temperature Range
Maximum Instantaneous Forward Voltage at 3.0A DC
Maximum Average Reverse Current
at Rated DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load (JEDEC
0
method)TL=75 C
Maximum Average Forward Rectified Current
0
.375" (9.5mm) lead length at TL=95 C
IN5820
IN5820
IN5821
IN5821
IN5822
IN5822
UNITS
UNITS
Volts
Volts
Volts
Volts
Volts
Amps
Amps
mAmps
mAmps
0C
0C / W
pF
28
250
-65 to +125
2.0
2.0
3.0
80
20
14
.475
20
.850
30
21
.500
30
.900
40
28
.525
40
.950
0
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
0
@TA=25 C
0
@TC=100 C
Notes : 1. Measured at Pulse Width 300 us, Duly Cycle 2%.
2. Thermal Resistance (Junction to Ambient): Verticaal PC Board Mounting, 0.5" (12.7mm) Lead Length.
3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Forward Voltage at 5.0A DC
MINIATURE SCHOTTKY BARRIER RECTIFIER
MINIATURE SCHOTTKY BARRIER RECTIFIER


Similar Part No. - IN5821

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
IN5821 FCI-IN5821 Datasheet
122Kb / 1P
3.0 Amp BARRIER SCHOTTKY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
IN5821 CHENG-YI-IN5821 Datasheet
106Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - IN5821

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
Miniature Schottky Barrier Rectifier
16-Oct-09
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com