Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSL1523 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL1523 Datasheet HTML 3Page - NXP Semiconductors SSL1523 Datasheet HTML 4Page - NXP Semiconductors SSL1523 Datasheet HTML 5Page - NXP Semiconductors SSL1523 Datasheet HTML 6Page - NXP Semiconductors SSL1523 Datasheet HTML 7Page - NXP Semiconductors SSL1523 Datasheet HTML 8Page - NXP Semiconductors SSL1523 Datasheet HTML 9Page - NXP Semiconductors SSL1523 Datasheet HTML 10Page - NXP Semiconductors SSL1523 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
7 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
6.
Board system optimization
To meet specific customer application requirements, the modifications described in the
following sections are possible.
6.1 Changing the output current and LED current
One of the major advantages of a flyback converter over other topologies, is its suitability
for driving LED configurations with a broad range of voltages. Essentially, changing the
winding ratio whilst maintaining the value of the primary inductance, will shift the output
working voltage accordingly. Part of the efficiency of the driver is linked to the output
voltage. A lower output voltage will require increased transformation ratio, and will cause
higher secondary losses. In practice, a mains operated flyback converter will have an
efficiency > 80 % for high output voltages (like 40 V) down to 50 % for very low output
voltages < 3 V. At low voltages, synchronous rectification becomes advisable to reduce
rectification losses.
The NXP TEA 1761/TEA1762 can be used for this purpose, see Ref. 1. For exact
calculations of transformer properties and peak current, refer to Ref. 2 application note
AN10754, “How to design an LED driver using the SSL2101”, see Ref. 2.
6.2 Changing the output ripple current
The output ripple current is mostly determined by the LED voltage, the LED dynamic
resistance and the output capacitor. The present value of C10 has been chosen to
optimize the capacitor size under typical load. The resulting ripple of
± 30 % will result in
an expected deterioration of light output < 1 %.
The size for the buffer capacitor (C10) can be estimated from Equation 1:
(1)
Using a series of LEDs, the dynamic resistance of each LED can be multiplied by the
number of LEDs. The current sense resistor (R10) should also be included in this
calculation.
Example: For a ripple current of ± 30 %, and a mains frequency of 50 Hz, and a total
dynamic resistance of 7
Ω, the resulting capacitance value will be 3.3333 / (314*7) =
1500
μF. The capacitor must be specified for the HF switching related ripple current of
about 0.35 times the average effective LED current (ILED(AV)). For high lifetime
applications, the ripple current specification of the electrolytic capacitor must be
increased. For details, please contact the capacitor supplier.
6.3 Changing the load curve
The current load curve can be divided into the following two regions:
Where the current control loop regulates the output current, the constant current
output
Where the IC limits the peak input current of the converter, the constant power output
C
10
I
ΔI
------
1
2
πf
net
R
dynamic
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com