Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S5G Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # S5G
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

S5G Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  S5G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd S5G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
F1G.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE,()
160
140 150
130
120
110
100
90
80
70
60
50
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
F1G.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.01
0.1
1.0
10
100
100
10
1.0
1
10
REVRESE VOLTAGE, VOLTS
F1G.5-TYPICAL JUNCTION CAPACITANCE
100
T, PULSE DURATION, SEC.
100
10
1.0
0.1
0.01
0.1
1
10
100
F1G.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
F1G.4-TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
FORWARD SURGE CURRENT
F1G.2-MAXIMUM NON-REPETITIVE PEAK
100
80
60
40
20
0
0.1
1.0
10
Resistive or Inductive Load
COPPER PAD AREAS
0.3X0.3 (8.0X8.0mm)
P.C.B MOUNTED on
COPPER PAD AREAS
Mounted ON 0.20X0.27 (5X7mm)
J
Vsig=50mVp-p
f=1MHz
T =25
T =25
Pulse Width=300us
1% Duty Cycle
J
J
T =125
T =25
J
L
100
NUMBER OF CYCLES AT 60Hz
100
10
1
10
100
200
(JEDEC Method)
8.3ms Single Half Sine-Wave
T =100
50V-1000V
5.0A
S5A THRU S5M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com