Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SL42 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SL42
Description  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SL42 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SL42 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SL42 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-40V
4.0A
SL42 THRU SL44
1 of 2
Mechanical Data
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
¨ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
¨ For surface mount applications
¨ Low profile package
¨ Built-in strain relief, ideal for automated placement
¨ Easy pick and place
¨ Metal silicon junction,
majority carrier conduction
¨ Low power loss, high efficiency
¨ High current capability, low forward voltage drop
¨ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
¨ High temperature soldering:
250¡C/10 seconds at terminals
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce 0.25 gram
Ratings at 25¡C ambient temperature unless otherwise specified.
SYMBOLS
SL42
SL43
SL44
UNITS
Device marking code
SL2
SL3
SL4
Maximum repetitive peak reverse voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
14
21
28
Volts
Maximum DC blocking voltage
VDC
20
30
40
Volts
Maximum average forward rectified current (NOTE 2)
4.0
at TL (SEE FIG. 1)
(NOTE 3)
I(AV)
8.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
150
Amps
rated load (JEDEC Method)
Maximum instantaneous forward voltage at:
(NOTE 1)
IF=4.0A, TA=125¡C
0.31
0.35
IF=4.0A, TA=25¡C
VF
0.42
0.44
Volts
IF=8.0A, TA=125¡C
0.37
0.41
IF=8.0A, TA=25¡C
0.47
0.50
Maximum DC reverse current (NOTE 1) TA=25¡C
0.5
at rated DC blocking voltage
TA=100¡C
IR
35.0
mA
Typical thermal resistance (NOTE 2)
RQJA
50
RQJL
14
¡C/W
Operating junction temperature range
TJ
-55 to +125
¡C
Storage temperature range
TSTG
-55 to +150
¡C
NOTES:
(1) Pulse test: 300
ms pulse width, 1% duty cycle,
(2) P.C.B. mounted 0.55 x 0.55Ó (14 x 14mm) copper pad areas, TL=90
°C
(3) Mounted on Al plate, TL=60
°C, RQJL=6°C/W


Similar Part No. - SL42

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SL42 VISHAY-SL42 Datasheet
341Kb / 4P
Surface Mount Schottky Barrier Rectifier
22-Jan-08
SL42 VISHAY-SL42 Datasheet
80Kb / 4P
Surface Mount Schottky Barrier Rectifier
25-Apr-14
logo
Sangdest Microelectroni...
SL42 SMC-SL42 Datasheet
238Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SL42 VISHAY-SL42 Datasheet
119Kb / 5P
Surface-Mount Schottky Barrier Rectifier
23-Apr-2020
More results

Similar Description - SL42

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS10100HE-AU PANJIT-SS10100HE-AU Datasheet
150Kb / 5P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
November 3,2017-REV.06
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com